Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U545CE Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 45Page - STMicroelectronics STM32U545CE Datasheet HTML 46Page - STMicroelectronics STM32U545CE Datasheet HTML 47Page - STMicroelectronics STM32U545CE Datasheet HTML 48Page - STMicroelectronics STM32U545CE Datasheet HTML 49Page - STMicroelectronics STM32U545CE Datasheet HTML 50Page - STMicroelectronics STM32U545CE Datasheet HTML 51Page - STMicroelectronics STM32U545CE Datasheet HTML 52Page - STMicroelectronics STM32U545CE Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 283 page
background image
DS14216 Rev 1
49/283
STM32U545xx
Functional overview
88
3.14.1
LPGPIO TrustZone security
Each I/O pin registers bit of the LPGPIO is configured as secure if the corresponding I/O is
configured as secure in the GPIO.
3.15
Multi-AHB bus matrix
A 32-bit multi-AHB bus matrix interconnects all master (CPU, GPDMA1, SDMMC1) and
slave (flash memory, RAM, OCTOSPI, SRAMs, AHB and APB) peripherals. It also ensures
a seamless and efficient operation even when several high-speed peripherals work
simultaneously.
Another multi-AHB bus matrix interconnects two masters (previous AHB bus matrix slave
port and LPDMA1) and all slaves that are functional in Stop 2 modes (SRAM4 and
AHB/APB peripherals functional in Stop 2 mode).
3.16
System configuration controller (SYSCFG)
The STM32U545xx devices feature a set of configuration registers. The main purposes of
the system configuration controller are the following:
•
Managing robustness feature
•
Configuring FPU interrupts
•
Enabling/disabling the FMP high-drive mode of some I/Os and voltage booster for I/Os
analog switches
•
Managing the I/O compensation cell
•
Configuring register security access
3.17
General purpose direct memory access controller (GPDMA)
The general purpose direct memory access (GPDMA) controller is a bus master and system
peripheral.
The GPDMA is used to perform programmable data transfers between memory-mapped
peripherals and/or memories via linked-lists, upon the control of an off-loaded CPU.
The GPDMA main features are:
•
Dual bidirectional AHB master
•
Memory-mapped data transfers from a source to a destination:
–
Peripheral-to-memory
–
Memory-to-peripheral
–
Memory-to-memory
–
Peripheral-to-peripheral
•
Autonomous data transfers during Sleep and Stop modes
•
Transfers arbitration based on a four-grade programmed priority at a channel level:
–
One high-priority traffic class, for time-sensitive channels (queue 3)
–
Three low-priority traffic classes, with a weighted round-robin allocation for non
time-sensitive channels (queues 0, 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com