| Electronic Components Datasheet Search |
|
STM32U545CE Datasheet(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U545CE Datasheet(HTML) 81 Page - STMicroelectronics |
|
81 / 283 page ![]() DS14216 Rev 1 81/283 STM32U545xx Functional overview 88 High-speed data communications up to 20 Mbauds are possible by using the DMA (direct memory access) for multibuffer configuration. The USART main features are: • Full-duplex asynchronous communication • NRZ standard format (mark/space) • Configurable oversampling method by 16 or 8 to achieve the best compromise between speed and clock tolerance • Baud rate generator systems • Two internal FIFOs for transmit and receive data Each FIFO can be enabled/disabled by software and come with a status flag. • A common programmable transmit and receive baud rate • Dual-clock domain with dedicated kernel clock for peripherals independent from PCLK • Auto baud rate detection • Programmable data word length (7, 8 or 9 bits) • Programmable data order with MSB-first or LSB-first shifting • Configurable stop bits (1 or 2 stop bits) • Synchronous Master/Slave mode and clock output/input for synchronous communications • SPI slave transmission underrun error flag • Single-wire half-duplex communications • Continuous communications using DMA • Received/transmitted bytes are buffered in reserved SRAM using centralized DMA • Separate enable bits for transmitter and receiver • Separate signal polarity control for transmission and reception • Swappable Tx/Rx pin configuration • Hardware flow control for modem and RS-485 transceiver • Communication control/error detection flags • Parity control: – Transmits parity bit – Checks parity of received data byte • Interrupt sources with flags • Multiprocessor communications: wake-up from Mute mode by idle line detection or address mark detection • Autonomous functionality in Stop mode with wake-up from stop capability • LIN master synchronous break send capability and LIN slave break detection capability – 13-bit break generation and 10/11-bit break detection when USART is hardware configured for LIN • IrDA SIR encoder decoder supporting 3/16-bit duration for Normal mode • Smartcard mode – Supports the T = 0 and T = 1 asynchronous protocols for smartcards as defined in the ISO/IEC 7816-3 standard – 0.5 and 1.5 stop bits for Smartcard operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |