Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U545CE Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 61Page - STMicroelectronics STM32U545CE Datasheet HTML 62Page - STMicroelectronics STM32U545CE Datasheet HTML 63Page - STMicroelectronics STM32U545CE Datasheet HTML 64Page - STMicroelectronics STM32U545CE Datasheet HTML 65Page - STMicroelectronics STM32U545CE Datasheet HTML 66Page - STMicroelectronics STM32U545CE Datasheet HTML 67Page - STMicroelectronics STM32U545CE Datasheet HTML 68Page - STMicroelectronics STM32U545CE Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 283 page
background image
DS14216 Rev 1
65/283
STM32U545xx
Functional overview
88
–
An offset error cancellation
–
Gain control
–
Saturation blocks
–
An out-off limit detector
•
Short-circuit detector
•
Clock absence detector
•
16- or 24-bit signed output data resolution
•
Continuous or single conversion
•
Possibility to delay independently each bitstream
•
Various trigger possibilities
•
Break generation on out-of limit or short-circuit detector events
•
Autonomous functionality in Stop modes
•
DMA can be used to read the conversion data
•
Interrupts services
3.30.2
Audio digital filter (ADF)
The ADF is a high-performance module dedicated to the connection of external Σ∆
modulators. It is mainly targeted for the following applications:
•
audio capture signals
•
metering
The ADF features one digital serial interface (SITF0) and one digital filter (DFLT0) with
flexible digital processing options to offer up to 24-bit final resolution.
The DLFT0 of the ADF is a subset of the digital filters included into the MDF.
The ADF serial interface supports several standards allowing the connection of various Σ∆
modulator sensors:
•
SPI interface
•
Manchester coded 1-wire interface
•
PDM interface
A flexible BSMX allows the connection of any incoming bitstream to any filter.
The ADF converts an input data stream into clean decimated digital data words. This
conversion is done thanks to low-pass digital filters and decimation blocks. In addition it is
possible to insert a high-pass filter or a DC offset correction block.
The conversion speed and resolution are adjustable according to configurable parameters
for digital processing: filter type, filter order, decimation ratio. The maximum output data
resolution is up to 24 bits. There are two conversion modes: single conversion and
continuous modes. The data can be automatically stored in a system RAM buffer through
DMA, thus reducing the software overhead.
A SAD (sound activity detector) is available for the detection of “speech-like” signals. The
SAD is connected at the output of DFLT0. Several parameters can be programmed to adjust
properly the SAD to the sound environment. The SAD can strongly reduce the power
consumption by preventing the storage of samples into the system memory as long as the
observed signal does not match the programmed criteria.
A flexible trigger interface can be used to control the start of conversion of the ADF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com