Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U545CE Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 47Page - STMicroelectronics STM32U545CE Datasheet HTML 48Page - STMicroelectronics STM32U545CE Datasheet HTML 49Page - STMicroelectronics STM32U545CE Datasheet HTML 50Page - STMicroelectronics STM32U545CE Datasheet HTML 51Page - STMicroelectronics STM32U545CE Datasheet HTML 52Page - STMicroelectronics STM32U545CE Datasheet HTML 53Page - STMicroelectronics STM32U545CE Datasheet HTML 54Page - STMicroelectronics STM32U545CE Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 283 page
background image
DS14216 Rev 1
51/283
STM32U545xx
Functional overview
88
3.18
Low-power direct memory access controller (LPDMA)
The LPDMA controller is a bus master and system peripheral. The LPDMA is used to
perform programmable data transfers between memory-mapped peripherals and/or
memories via linked-lists, upon the control of an off-loaded CPU.
The LPDMA main features are:
•
Single bidirectional AHB master
•
Memory-mapped data transfers from a source to a destination:
–
Peripheral-to-memory
–
Memory-to-peripheral
–
Memory-to-memory
–
Peripheral-to-peripheral
•
Autonomous data transfers during Sleep and Stop modes
•
Transfers arbitration based on a 4-grade programmed priority at channel level:
–
One high-priority traffic class, for time-sensitive channels (queue 3)
–
Three low-priority traffic classes, with a weighted round-robin allocation for non
time-sensitive channels (queues 0, 1, 2)
•
Per channel event generation, on any of the following events: transfer complete, or
half-transfer complete, or data transfer error, or user setting error, and/or update
linked-list item error, or completed suspension
•
Per channel interrupt generation, with separately programmed interrupt enable
per event
Table 11. GPDMA1 channels implementation and usage
Channel
x
Hardware parameters
Features
dma_fifo_
size[x]
dma_
addressing[x]
x = 0 to 11
2
0
Channel x (x = 0 to 11) is implemented with:
– a FIFO of 8 bytes, 2 words
– fixed/contiguously incremented addressing
These channels may be also used for GPDMA transfers, between an APB
or AHB peripheral and SRAM.
x = 12 to
15
41
Channel x (x = 12 to 15) is implemented with:
– a FIFO of 32 bytes, 8 words
– 2D addressing
These channels may be also used for GPDMA transfers, between
a demanding AHB peripheral and SRAM, or for transfers from/to external
memories.
Table 12. GPDMA1 autonomous mode and wake-up in low-power modes
Feature
Low-power modes
Autonomous mode and wake-up
GPDMA1 in Sleep, Stop 0 and Stop 1 modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com