Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U545CE Datasheet(PDF) 250 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 250 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 246Page - STMicroelectronics STM32U545CE Datasheet HTML 247Page - STMicroelectronics STM32U545CE Datasheet HTML 248Page - STMicroelectronics STM32U545CE Datasheet HTML 249Page - STMicroelectronics STM32U545CE Datasheet HTML 250Page - STMicroelectronics STM32U545CE Datasheet HTML 251Page - STMicroelectronics STM32U545CE Datasheet HTML 252Page - STMicroelectronics STM32U545CE Datasheet HTML 253Page - STMicroelectronics STM32U545CE Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 283 page
background image
Electrical characteristics
STM32U545xx
250/283
DS14216 Rev 1
Figure 51. USART timing diagram in master mode
Table 128. USART characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
USART clock
frequency
Master mode, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
-
20
MHz
Slave receiver, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
-
53
Slave transmitter, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
-
28.5
Slave transmitter, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
-
32
tsu(NSS)
NSS setup
time
Slave mode
Tker(2) + 2
-
-
ns
th(NSS) NSS hold time Slave mode
2
-
-
tw(CKH)
tw(CKL)
CK high and
low time
Master mode
1/fCK / 2 - 1 1/fCK / 2 1/fCK / 2 + 1
tsu(RX)
Data input
setup time
Master mode
14
-
-
Slave mode
1
-
-
th(RX) Data input
hold time
Master mode
4
-
-
th(RX)
Slave mode
1
-
-
tv(TX)
Data output
valid time
Slave mode, 2.7 V ≤ VDD ≤ 3.6 V
-
11
17.5
Slave mode, 1.71 V ≤ VDD ≤ 3.6 V
-
11
15.5
tv(TX)
Master mode
-
2.5
6.5
th(TX)
Data output
hold time
Slave mode
8.5
-
-
th(TX)
Master mode
2
-
-
1. Evaluated by characterization. Not tested in production.
2. Tker is the usart_ker_ck_pres clock period.
MSv65386V4
CPHA = 0
TX
OUTPUT
RX
INPUT
CPHA = 0
LSB OUT
LSB IN
CPOL = 0
CPOL = 1
BIT1 OUT
1/fCK
tw(CKH)
tw(CKL)
th(RX)
CPHA = 1
CPHA = 1
CPOL = 0
CPOL = 1
tsu(RX)
tv(TX)
th(TX)
MSB IN
BIT6 IN
MSB OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com