Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U535NET3QTR Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 53Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 54Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 55Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 56Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 57Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 58Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 59Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 60Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 278 page
background image
DS14217 Rev 1
57/278
STM32U535xx
Functional overview
84
3.25.1
Analog-to-digital converter 1 (ADC1)
The ADC1 is a 14-bit ADC successive approximation analog-to-digital converter.
This ADC has up to 20 multiplexed channels. A/D conversion of the various channels can
be performed in Single, Continuous, Scan or Discontinuous mode. The result of the ADC is
stored in a left-aligned or right-aligned 32-bit data register.
This ADC is mapped on the AHB bus to allow fast data handling. The analog watchdog
features allow the application to detect if the input voltage goes outside the user-defined
high or low thresholds.
A built-in hardware over sampler allows analog performances to be improved while
off-loading the related computational burden from the CPU.
An efficient low-power mode is implemented to allow very low consumption at low
frequency.
The ADC1 main features are:
High-performance features
14-, 12-, 10- or 8-bit configurable resolution
A/D conversion time independent from the AHB bus clock frequency
Faster conversion time by lowering resolution
Management of single-ended or differential inputs (programmable per channels)
Fast data handling thanks to the AHB slave bus interface
Self-calibration (both offset and linearity)
Channel-wise programmable sampling time
Flexible sampling time control
Up to four injected channels (analog inputs assignment to regular or injected
channels is fully configurable)
Fast context switching thanks to the hardware assistant that prepares the context
of the injected channels
Data alignment with in-built data coherency
Data can be managed by GPDMA for regular channel conversions with FIFO
Data can be routed to MDF for post processing
Four dedicated data registers for the injected channels
Oversampler
32-bit data register
Oversampling ratio adjustable from 2 to 1024
Programmable data right and left shift
Data preconditioning
Gain compensation
Offset compensation
Low-power features
Speed adaptive low-power mode to reduce ADC consumption when operating at
low frequency
Slow bus frequency application while keeping optimum ADC performance
Automatic control to avoid ADC overrun in low AHB bus clock frequency
application (auto-delayed mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com