Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U535NET3QTR Datasheet(PDF) 240 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 240 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 236Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 237Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 238Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 239Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 240Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 241Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 242Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 243Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 278 page
background image
Electrical characteristics
STM32U535xx
240/278
DS14217 Rev 1
5.3.30
PSSI characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature, fHCLK frequency and VDD supply voltage
summarized in Table 32, with the following configuration:
Output speed set to OSPEEDRy[1:0] = 10
PSSI_PDCK polarity: falling
PSSI_RDY and PSSI_DE polarity: low
Bus width: 16 lines
Data width: 32 bits
Capacitive load CL = 30 pF
Measurement points done at 0.5 × VDD level
I/O compensation cell activated
HSLV activated when VDD ≤ 2.7 V
Voltage scaling range 1
Table 119. PSSI transmit characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
-
Frequency ratio DCMI_PDCK/fHCLK
--
0.4
-
PSSI_PDCK PSSI clock input
2.7 V ≤ VDD ≤ 3.6 V
-
64(2)
MHz
1.71 V ≤ VDD ≤ 3.6 V
-
47(2)
DPIXEL
PSSI clock input duty cycle
-
30
70
%
tOV(DATA)
Data output valid time
2.7 V ≤ VDD ≤ 3.6 V
-
14
ns
1.71 V ≤ VDD ≤ 3.6 V
-
21
tOH(DATA)
Data output hold time
1.71 V ≤ VDD ≤ 3.6 V
7-
tOV(DE)
DE output valid time
-
12.5
tOH(DE)
DE output hold time
6
-
tSU(RDY)
RDY input setup time
1.71 V ≤ VDD ≤ 3.6 V
0-
tH(RDY)
RDY input hold time
0
-
1. Evaluated by characterization. Not tested in production.
2. This maximal frequency does not consider receiver setup and hold timings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com