Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U535NET3QTR Datasheet(PDF) 250 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 250 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 246Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 247Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 248Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 249Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 250Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 251Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 252Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 253Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 278 page
background image
Electrical characteristics
STM32U535xx
250/278
DS14217 Rev 1
5.3.36
SAI characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized inTable 32, with the following configuration:
Output speed set to OSPEEDRy[1:0] = 10
Capacitive load CL = 30 pF
Measurement points done at 0.5 × VDD level
I/O compensation cell activated
HSLV activated when VDD ≤ 2.7 V
Voltage scaling range 1
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (SCK, SD, FS).
Table 128. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max Unit
fMCK
SAI main clock
output
--
50
MHz
fSCK
SAI clock
frequency(2)
Master transmitter, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
26
Master transmitter, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
18
Master receiver, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
21.5
Slave transmitter, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
27.5
Slave transmitter, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
18
Slave receiver, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
50
tv(FS)
FS valid time
Master mode, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
16
ns
Master mode 1.71 V ≤ VDDIOX ≤ 3.6 V
-
23
th(FS)
FS hold time
Master mode
7
-
tsu(FS)
FS setup time
Slave mode
2.5
-
th(FS)
FS hold time
Slave mode
1
-
tsu(SD_A_MR) Data input setup
time
Master receiver
4
-
tsu(SD_B_SR)
Slave receiver
3
-
th(SD_A_MR) Data input hold
time
Master receiver
2
-
th(SD_B_SR)
Slave receiver
1
-
tv(SD_B_ST)
Data output valid
time
Slave transmitter (after enable edge),
2.7 V ≤ VDDIOX ≤ 3.6 V
-18
Slave transmitter (after enable edge),
1.71 V ≤ VDDIOX ≤ 3.6 V
-27.5
th(SD_B_ST)
Data output hold
time
Slave transmitter (after enable edge)
8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com