Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3920B Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST25R3920B Datasheet HTML 56Page - STMicroelectronics ST25R3920B Datasheet HTML 57Page - STMicroelectronics ST25R3920B Datasheet HTML 58Page - STMicroelectronics ST25R3920B Datasheet HTML 59Page - STMicroelectronics ST25R3920B Datasheet HTML 60Page - STMicroelectronics ST25R3920B Datasheet HTML 61Page - STMicroelectronics ST25R3920B Datasheet HTML 62Page - STMicroelectronics ST25R3920B Datasheet HTML 63Page - STMicroelectronics ST25R3920B Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 158 page
background image
Application information
ST25R3920B
60/158
DS13890 Rev 4
4.4.1
Set default
This direct command puts the ST25R3920B in the same state as power-up initialization:
•
performs Stop all activities command
•
resets all registers to their default state
•
clears all collision bits
Results of previous calibration and adjust commands are lost. No IRQ due to termination of
direct command is produced.
4.4.2
Stop all activities
This direct command stops any ongoing activities:
•
performs Clear FIFO command
•
stops data transmission and reception
•
stops all timers, including FDT timer
•
clears IRQ line an IRQ status bits
•
stops Field ON commands
If Stop All Activities is received during RF collision avoidance the field detection is
terminated and field is not set, consequently no interrupts are sent
•
stops automatic field ON (same as above)
•
stops automatic field OFF
If Stop All Activities is received during waiting for automatic field off via GPT, the field
remains on
•
nfc_ar is set to 01b, then it clears the awareness that there was a previous reception
•
stops Temporary Enable
This command does not update any register apart from the FIFO status registers. Therefore
it does not disable the field detector in CE mode (if it was enabled), and it does not switch off
the field (if it was enabled).
4.4.3
Clear FIFO
This direct command clears the FIFO and the FIFO status registers. It does not clear the
IRQ line or IRQ status bits.
FB
Register space-B access
Enables R/W access to register
Space-B
Yes
No
all
FC
Test access
Enable R/W access to Test register
Yes
No
All
Other
codes
RFU
Not used
-
-
-
1. Defines which Operation control register bits have to be set in order to accept a particular command.
2. Measure amplitude and Measure phase can be used directly from power down mode. In this case the command
temporarily enables the oscillator.
Table 12. List of direct commands (continued)
Code
(hex)
Name
Comments
Chaining
Interrupt after
termination
Operation
mode(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com