Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3920B Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 1 Page - STMicroelectronics

  ST25R3920B Datasheet HTML 1Page - STMicroelectronics ST25R3920B Datasheet HTML 2Page - STMicroelectronics ST25R3920B Datasheet HTML 3Page - STMicroelectronics ST25R3920B Datasheet HTML 4Page - STMicroelectronics ST25R3920B Datasheet HTML 5Page - STMicroelectronics ST25R3920B Datasheet HTML 6Page - STMicroelectronics ST25R3920B Datasheet HTML 7Page - STMicroelectronics ST25R3920B Datasheet HTML 8Page - STMicroelectronics ST25R3920B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 158 page
background image
This is information on a product in full production.
November 2022
DS13890 Rev 4
1/158
ST25R3920B
Automotive NFC reader
for CCC digital key and car center console
Datasheet
- production data
Features
• AEC-Q100 qualified
• Operating modes
– Reader/writer
– Card emulation
– Active and passive peer to peer
• RF communication
–EMVCo® 3.1a analog and digital compliant
– NFC-A / ISO14443A up to 848 kbit/s
– NFC-B / ISO14443B up to 848 kbit/s
– NFC-F / FeliCa™ up to 424 kbit/s
– NFC-V / ISO15693 up to 53 kb/s
– NFC-A / ISO14443A (106 kbit/s) and
NFC-F / FeliCa™ (212/424 kbit/s) card
emulation
– Active and passive peer to peer initiator
and target modes, up to 424 kbit/s
– Low level modes to implement MIFARE
Classic® compliant or other custom
protocols
• Key features
– Dynamic power output (DPO) controls the
field strength to stay within given limits
– Active wave shaping (AWS) reduces over-
and under-shoots
– Noise suppression receiver (NSR) allows
reception in noisy environment
– Automatic antenna tuning (AAT) via
variable capacitor
– Integrated EMVCo® 3.1a compliant EMD
handling
– Automatic gain control and squelch feature
to maximize SNR
– Low power NFC active and passive target
modes
– Adjustable ASK modulation depth, from 0
to 82%
– Integrated regulators to boost system
PSRR
– AM/PM and I/Q demodulator with
baseband channel summation or automatic
channel selection
– Possibility to drive two independent single
ended antennas
– Measurement of antenna voltage amplitude
and phase, RSSI, on-chip supply and
regulated voltages
• External communication interfaces
– 512-byte FIFO
– Serial peripheral interface (SPI) up to
5 Mbit/s
– I2C with up to 400 kbit/s in Fast-mode,
1 Mbit/s in Fast-mode Plus, and 3.4 Mbit/s
in High-speed mode
• Electrical characteristics
– Wide supply voltage and ambient
temperature range (2.6 to 5.5 V from -40 °C
to +105 °C, 2.4 to 5.5 V from -20 °C to
+105 °C)
– Wide peripheral communication supply
range, from 1.65 to 5.5 V
– Quartz oscillator capable of operating with
27.12 MHz crystal with fast start-up
VFQFPN32
(5 x 5 mm)
www.st.com


Similar Part No. - ST25R3920B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R3920 STMICROELECTRONICS-ST25R3920 Datasheet
2Mb / 152P
Automotive high performance NFC reader for CCC digital key and car center console
07-Nov-2022
ST25R3920AQWT STMICROELECTRONICS-ST25R3920AQWT Datasheet
2Mb / 152P
Automotive high performance NFC reader for CCC digital key and car center console
07-Nov-2022
More results

Similar Description - ST25R3920B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
NXP Semiconductors
PR533 NXP-PR533 Datasheet
615Kb / 36P
USB NFC integrated reader solution
Rev. 3.6-27 October 2014
PR601 NXP-PR601 Datasheet
242Kb / 14P
High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
logo
ams AG
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
NFC Initiator / HF Reader IC
2016-Jun-13
logo
STMicroelectronics
ST25R3916 STMICROELECTRONICS-ST25R3916 Datasheet
2Mb / 157P
High performance NFC universal device and EMVCo™ reader
06-Aug-2021
ST25R3920 STMICROELECTRONICS-ST25R3920 Datasheet
2Mb / 152P
Automotive high performance NFC reader for CCC digital key and car center console
07-Nov-2022
ST25R3916B STMICROELECTRONICS-ST25R3916B Datasheet
2Mb / 165P
NFC reader for payment, consumer and industrial applications
15-Mar-2023
logo
Renesas Technology Corp
PTX105R RENESAS-PTX105R Datasheet
529Kb / 10P
PTX105R NFC Reader IC
June 2022
logo
Sony Corporation
RC-S620 SONY-RC-S620 Datasheet
627Kb / 2P
Embedded NFC Reader Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com