Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3920B Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST25R3920B Datasheet HTML 31Page - STMicroelectronics ST25R3920B Datasheet HTML 32Page - STMicroelectronics ST25R3920B Datasheet HTML 33Page - STMicroelectronics ST25R3920B Datasheet HTML 34Page - STMicroelectronics ST25R3920B Datasheet HTML 35Page - STMicroelectronics ST25R3920B Datasheet HTML 36Page - STMicroelectronics ST25R3920B Datasheet HTML 37Page - STMicroelectronics ST25R3920B Datasheet HTML 38Page - STMicroelectronics ST25R3920B Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 158 page
background image
DS13890 Rev 4
35/158
ST25R3920B
Application information
157
If the External field level is not detected yet, the Activation threshold is used. If the External
field level is detected, the Deactivation threshold is used.
The Activation threshold must be set higher than or equal to the Deactivation threshold.
If the Activation is higher than the Deactivation, the hysteresis is given by the difference
between the two levels.
If the Activation and Deactivation levels are equal, there is no the hysteresis in the system
and multiple field-on/off events can verify if the actual field level persists in proximity of the
selected threshold.
Peer detection threshold
This threshold is used to detect the field emitted by peer NFC device with whom NFC
communication is going on. It can be selected in the range from 75 to 800 mVPP. When this
threshold is enabled the detector is in low power mode. An interrupt is generated when an
external field is detected and also when it is switched off. With such implementation it can
also be used to detect the moment when the external field disappears. This can be used to
detect the moment when the peer NFC device (either an initiator or a target) has stopped
emitting an RF field.
The External Field Detector is enabled in low power Peer Detection mode by setting bits
en_fd_c,1:0> in the Operation control register.
Collision avoidance threshold
This threshold is used during the RF collision avoidance sequence, which is executed by
sending NFC Field ON commands (see Section 4.4.5: NFC field ON commands). It can be
selected in the range from 25 to 800 mVPP.
4.2.10
Power supply system
The ST25R3920B feature three positive supply pins, VDD, VDD_TX and VDD_IO:
•
VDD is the main power supply pin. It supplies the ST25R3920B blocks through two
regulators (VDD_A, VDD_D)
•
VDD_TX is the transmitter supply pin. It supplies the transmitter via two regulators
(VDD_RF, VDD_AM). VDD range from 2.4 to 5.5 V is supported. VDD and VDD_TX must
be connected to the same power supply.
•
VDD_IO is used to define supply level for digital communication pins (BSS, MISO,
MOSI, SCLK, IRQ, MCU_CLK). Digital communication pins interface to the
ST25R3920B logic through level shifters, therefore the internal supply voltage can be
either higher or lower than VDD_IO. VDD_IO range from 1.65 to 5.5 V is supported.
Figure 8 details the building blocks of the ST25R3920B power supply system. It contains
three regulators, a power-down support block, a block generating analogue reference
voltage (AGDC) and a block performing automatic power supply adjustment procedure. The
three regulators are providing supply to analogue blocks (VDD_A), logic (VDD_D) and
transmitter (VDD_RF). The use of VDD_A and VDD_D regulators is mandatory at 5 V power
supply to provide regulated voltage to analogue and logic blocks, which only use 3.3 V. The
use of VDD_A and VDD_D regulators at 3 V supply and VDD_RF regulator at any supply
voltage is recommended to improve system PSRR.
Regulated voltage can be adjusted automatically to have maximum possible regulated
voltage while still having good PSRR. All regulator pins also have corresponding negative
supply pins externally connected to ground potential (VSS). Figure 1 and Figure 2 show



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com