Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3920B Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST25R3920B Datasheet HTML 88Page - STMicroelectronics ST25R3920B Datasheet HTML 89Page - STMicroelectronics ST25R3920B Datasheet HTML 90Page - STMicroelectronics ST25R3920B Datasheet HTML 91Page - STMicroelectronics ST25R3920B Datasheet HTML 92Page - STMicroelectronics ST25R3920B Datasheet HTML 93Page - STMicroelectronics ST25R3920B Datasheet HTML 94Page - STMicroelectronics ST25R3920B Datasheet HTML 95Page - STMicroelectronics ST25R3920B Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 158 page
background image
Application information
ST25R3920B
92/158
DS13890 Rev 4
4.5.24
Timer and EMV control register
Register space: A
Address: 12h
Type: RW
Table 49. Timer and EMV control register
Bit
Name
Default
Function
Comments
7
gptc2
0
General purpose timer trigger source.
Refer to Table 50
-
6
gptc1
0
5
gptc0
0
4RFU
0
-
-
3
mrt_step
0
0: 64 / fc
1: 512 / fc
Mask receive timer step size
2nrt_nfc
0
0: NRT starts at end of TX (own field off)
1: NRT starts at peer field-on event
No-response timer start condition in AP2P
initiator and target mode.
1
nrt_emv
0
1: No-response timer EMV mode
-
0nrt_step
0
0: 64 / fc
1: 4096 / fc
No-response timer step size.
Table 50. Trigger sources
gptc2 gptc1 gptc0
Trigger source
X
X
X
The timer starts always with direct command Start General purpose timer.
0
0
0
No additional trigger source.
0
0
1
Additionally starts at End of RX (after EOF).
0
1
0
Additionally starts at Start of RX.
011
Additionally starts at End of TX.
In AP2P modes the timer is used to switch the field off.
In AP2P modes enables NRT start according to nrt_nfc description.
100
RFU
101
110
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com