Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9QXL2000C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 9QXL2000C
Description  20-Output Enhanced DB2000Q
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9QXL2000C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 9QXL2000C Datasheet HTML 3Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 4Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 5Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 6Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 7Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 8Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 9Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 10Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
R31DS0118EU0101 Rev.1.01
Page 7
Apr 5, 2022
9QXL2000C Datasheet
2. Specifications
2.1
Absolute Maximum Ratings
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
2.2
ESD Ratings
67
DIF_16#
O, DIF
HCSL complementary clock output.
68
VDD
PWR
Power supply, nominally 3.3V.
69
DIF_17
O, DIF
HCSL true clock output.
70
DIF_17#
O, DIF
HCSL complementary clock output.
71
DIF_18
O, DIF
HCSL true clock output.
72
DIF_18#
O, DIF
HCSL complementary clock output.
73
EPAD
GND
Connect EPAD to ground.
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Supply Voltage [1][2]
1. Confirmed by design and characterization, not 100% tested in production.
2. Operation under these conditions is neither implied nor guaranteed.
VDDx
-
-
3.9
V
Input Low Voltage [1]
VIL
GND - 0.5
-
-
V
Input High Voltage [3]
3. Not to exceed 3.9V.
VIH
Except for SMBus interface.
-
-
VDD + 0.5
V
Input High Voltage [1]
VIHSMB
SMBus clock and data pins.
-
-
3.9
V
Storage Temperature [1]
Ts
-65
-
150
°C
Junction Temperature [1]
Tj
Maximum operating junction
temperature.
-
-
125
°C
ESD Model/Test
Symbol
Rating
Unit
Human Body Model (JESD22-A114 (JS-001) Classification)
ESD prot
2000
V
Charged Device Model (JESD22-C101 Classification)
ESD prot
500
V
Pin
Number
Pin Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com