Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9QXL2000C Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 9QXL2000C
Description  20-Output Enhanced DB2000Q
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9QXL2000C Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 9QXL2000C Datasheet HTML 13Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 14Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 15Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 16Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 17Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 18Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 19Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 20Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
R31DS0118EU0101 Rev.1.01
Page 17
Apr 5, 2022
9QXL2000C Datasheet
Table 11.
SMBus Output Enable Register
Table 12.
SMBus Output Enable Register
Table 13.
SMBus Output Enable Register
Byte 0
Name
Control Function
Type
0
1
Default
Bit 7
Reserved
0
Bit 6
DIF_19_En
Output Enable
RW
Low/Low
Enable
1
Bit 5
DIF_18_En
Output Enable
RW
Low/Low
Enable
1
Bit 4
DIF_17_En
Output Enable
RW
Low/Low
Enable
1
Bit 3
DIF_16_En
Output Enable
RW
Low/Low
Enable
1
Bit 2
Reserved
0
Bit 1
Reserved
0
Bit 0
Reserved
0
Byte 1
Name
Control Function
Type
0
1
Default
Bit 7
DIF_7_En
Output Enable
RW
Low/Low
Pin Control
(See Byte 8, 9
or 10)
1
Bit 6
DIF_6_En
Output Enable
RW
1
Bit 5
DIF_5_En
Output Enable
RW
1
Bit 4
DIF_4_En
Output Enable
RW
1
Bit 3
DIF_3_En
Output Enable
RW
1
Bit 2
DIF_2_En
Output Enable
RW
1
Bit 1
DIF_1_En
Output Enable
RW
1
Bit 0
DIF_0_En
Output Enable
RW
1
Byte 2
Name
Control Function
Type
0
1
Default
Bit 7
DIF_15_En
Output Enable
RW
Low/Low
Pin Control
(See Byte 8, 9
or 10)
1
Bit 6
DIF_14_En
Output Enable
RW
1
Bit 5
DIF_13_En
Output Enable
RW
1
Bit 4
DIF_12_En
Output Enable
RW
1
Bit 3
DIF_11_En
Output Enable
RW
1
Bit 2
DIF_10_En
Output Enable
RW
1
Bit 1
DIF_9_En
Output Enable
RW
1
Bit 0
DIF_8_En
Output Enable
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com