Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9QXL2000C Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 9QXL2000C
Description  20-Output Enhanced DB2000Q
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9QXL2000C Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 9QXL2000C Datasheet HTML 4Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 5Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 6Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 7Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 8Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 9Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 10Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 11Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
R31DS0118EU0101 Rev.1.01
Page 8
Apr 5, 2022
9QXL2000C Datasheet
2.3
Electrical Specifications
TAMB = over the specified operating range. Supply voltages per normal operation conditions; see Test Loads for
loading conditions.
Table 1. SMBus Parameters
Parameter
Symbol
Conditions
Minimum Typical Maximum
Unit
SMBus Input Low Voltage
VILSMB
-
-
0.8
V
SMBus Input High Voltage
VIHSMB
2.1
-
VDDSMB
V
SMBus Output Low Voltage
VOLSMB At IPULLUP.
-
-
0.4
V
SMBus Sink Current
IPULLUP At VOL.
4
-
-
mA
Nominal Bus Voltage [1]
1. Confirmed by design and characterization, not 100% tested in production.
VDDSMB
2.7
-
3.6
V
SMBCLK/SMBDAT Rise Time [1]
tRSMB (Max VIL - 0.15V) to (Min VIH + 0.15V).
-
-
1000
ns
SMBCLK/SMBDAT Fall Time [1]
tFSMB (Min VIH + 0.15V) to (Max VIL - 0.15V).
-
-
300
ns
SMBus Operating Frequency [2]
2. The device must be powered up with CKPWRGD_PD# = '1' for the SMBus to be active.
fSMBMAX Maximum SMBus operating frequency.
-
-
400
kHz
Table 2. DIF_IN Clock Input Parameters
Parameter
Symbol
Conditions
Minimum
Typical Maximum
Unit
Input Crossover Voltage – DIF_IN [1]
1. See the Phase Jitter tables for values required for performance.
VCROSS Cross over voltage.
100
-
1400
mV
Input Swing – DIF_IN [1]
VSWING Differential value.
200
-
-
mV
Input Slew Rate – DIF_IN [1][2]
2. Measured from -150mV to +150mV on the differential waveform (derived from REFCLK+ minus REFCLK-). The signal must be
monotonic through the measurement region for rise and fall time. The 300mV measurement window is centered on the differential zero-
crossing.
dv/dt
Measured differentially.
0.6
-
-
V/ns
Input Current
IIH
DIF_IN, VIN = 0.8V
-3
-
3
μA
DIF_IN#, VIN = 0.8V
5
-
15
μA
IIL
DIF_IN, VIN = GND
-12
-
-6
μA
DIF_IN#, VIN = GND
-3
-
3
μA
Input Duty Cycle
dtin
Measurement from differential
waveform.
45
-
55
%
Table 3. Input/Supply/Common Parameters
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Supply Voltage
VDDx
Supply voltage for core and analog.
3.135
3.3
3.465
V
Ambient Operating
Temperature
TAMB
Extended Industrial range.
-40
25
105
°C
Input High Voltage
VIH
Single-ended inputs, except SMBus, tri-level
inputs.
2
-
VDD + 0.3
V
Input Low Voltage
VIL
Single-ended inputs, except SMBus, tri-level
inputs.
GND - 0.3
-
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com