Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVLED101TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # HVLED101TR
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101TR Datasheet(HTML) 1 Page - STMicroelectronics

  HVLED101TR Datasheet HTML 1Page - STMicroelectronics HVLED101TR Datasheet HTML 2Page - STMicroelectronics HVLED101TR Datasheet HTML 3Page - STMicroelectronics HVLED101TR Datasheet HTML 4Page - STMicroelectronics HVLED101TR Datasheet HTML 5Page - STMicroelectronics HVLED101TR Datasheet HTML 6Page - STMicroelectronics HVLED101TR Datasheet HTML 7Page - STMicroelectronics HVLED101TR Datasheet HTML 8Page - STMicroelectronics HVLED101TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Features
Quasi-Resonant (QR) topology
Primary side regulation of output voltage
Direct optocoupler connection for secondary side regulated loop
High power factor and low THD in universal and extended range (PF> 0.9 and
THD < 5% @ full load and < 10% @ 1/3 load)
800 V fast high-voltage startup
Extremely low input power at no-load and standby conditions
Integrated input voltage detection for high power factor capabilty, DC rail
detection and protection triggering
Programmable frequency foldback with valley locking for noise free operation
Programmable maximum input power limitation for safety standard compliancy
Programmable brownout and input overvoltage protection
Latch-free device guarantee by smart Auto Restart Timer (ART)
Input pin for remote protection with NTC management (threshold hysteresis
and linearization)
Application
Single-stage LED drivers with high power factor up to 180 W
Two-stage LED drivers up to 200 W
Description
The HVLED101 is an enhanced peak current mode controller able to control mainly
high power factor (HPF) flyback or buck-boost topologies having an output power
up to 180 W. Some other topologies, like buck, boost and SEPIC could also be
implemented. Primary Side Regulation of output voltage and Optocoupler control
can be applied independently on the chip both exploiting precise regulation and
very low standby power during no-load conditions. The innovative ST high-voltage
technology allows to directly connect the HVLED101 to the input voltage in order to
both start up the device and monitor the input voltage without the need of external
components. Integrated valley locking feature guarantees noise free operation during
medium and low load operation and maximum power control allows limiting the input
power to a level programmable by the user to increase converter safety. Abnormal
conditions like open circuit, output short-circuit, input overvoltage or undervoltage,
external protection circuitries and circuit failures like open loop and overcurrent of the
main switch are effectively controlled. A smart Auto Restart Timer (ART) function is
built in to guarantee an automatic application recover, without any loss of reliability.
Product status link
HVLED101
Product summary
Order code
Package
Packaging
HVLED101
SOP14
Tube
HVLED101TR
Tape and reel
Advanced high power factor flyback controller with valley locking and maximum
power control
HVLED101
Datasheet
DS14143 - Rev 2 - December 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - HVLED101TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HVLED001 STMICROELECTRONICS-HVLED001 Datasheet
623Kb / 27P
800 V high voltage start-up
13-Jan-2015
HVLED001A STMICROELECTRONICS-HVLED001A Datasheet
724Kb / 30P
Offline controller for LED lighting with constant voltage primarysensing and high power factor
26-May-2016
HVLED001ATR STMICROELECTRONICS-HVLED001ATR Datasheet
724Kb / 30P
Offline controller for LED lighting with constant voltage primarysensing and high power factor
26-May-2016
HVLED001B STMICROELECTRONICS-HVLED001B Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
HVLED001BTR STMICROELECTRONICS-HVLED001BTR Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
More results

Similar Description - HVLED101TR

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4813 MICRO-LINEAR-ML4813 Datasheet
265Kb / 15P
Flyback Power Factor Controller
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
logo
ON Semiconductor
NCP1927 ONSEMI-NCP1927 Datasheet
537Kb / 24P
Combination Power Factor Correction Controller and Flyback Controller for Flat
June, 2011 ??Rev. 0
logo
Leadtrend Technology
LD7830 LEADTREND-LD7830 Datasheet
495Kb / 18P
High Power Factor Flyback LED Controller with HV Start-up
LD7831 LEADTREND-LD7831 Datasheet
569Kb / 17P
High Power Factor Primary Side Flyback LED Controller With HV Start-up
LD7833V LEADTREND-LD7833V Datasheet
327Kb / 17P
High Power Factor Primary Side Flyback LED Controller With TRIAC Dimming
LD7838 LEADTREND-LD7838 Datasheet
571Kb / 15P
High Power Factor Flyback LED Controller with HV Start-up
logo
SIFIRST TECHNOLOGIES NA...
SFL320 SIFIRST-SFL320 Datasheet
57Kb / 2P
High Power Factor Flyback PWM Controller
SFL330 SIFIRST-SFL330 Datasheet
57Kb / 2P
High Performance, High Power Factor Flyback PWM Controller
logo
STMicroelectronics
HVLED001B STMICROELECTRONICS-HVLED001B Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com