Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVLED101TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # HVLED101TR
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button HVLED101TR Datasheet HTML 15Page - STMicroelectronics HVLED101TR Datasheet HTML 16Page - STMicroelectronics HVLED101TR Datasheet HTML 17Page - STMicroelectronics HVLED101TR Datasheet HTML 18Page - STMicroelectronics HVLED101TR Datasheet HTML 19Page - STMicroelectronics HVLED101TR Datasheet HTML 20Page - STMicroelectronics HVLED101TR Datasheet HTML 21Page - STMicroelectronics HVLED101TR Datasheet HTML 22Page - STMicroelectronics HVLED101TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
When the falling edge is detected, the IC can either turn on the MOSFET after the programmed delay time or start
counting the number of falling edges (valley) defined by the voltage at VL pin as per valley locking algorithm (see
relevant paragraph).
Figure 10. ZCD algorithm diagram
TBLANK ,min
N = 1
Wait ZCD
Trigger
Twait
ZCD_arm = FALSE
ZCD_trig = TRUE
AND
Nvalley > 0
T DCM
Twait
TLEB
VCS > VCS _ th
GD = OFF
GD_THD = OFF
N = 2
N = 3
N = 4
N = 5
Twait
Twait
Twait
Twait
Tdly
ZCD_arm
= TRUE
ZCD_trig = TRUE
AND
Nvalley = 0
End
OfT
wait
OR
ZCD_trig
= TRUE
AND
Fbint
> VDCM
EndOfTwait OR ZCD_trig = TRUE
AND Fbint < VDCM
En
dOf
Timer
(TDCM)
EndO
fTwait
OR ZCD_trig
= TRUE
GD =
OFF
GD_THD
= OFF
(FB =
Hi Z)
GD = ON
GD_THD = ON
6.3.5.2
Bottom valley synchronization
The pin DLY/CFG is used to adjust the delay time that the HVLED101 applies between ZCD trigger signal (falling
edge) and MOSFET turn-on.
A delay time can be programmed selecting a proper value of the resistor mounted between DLY/CFG and GND.
6.3.5.3
Valley locking and frequency fold-back
The QR flyback efficiency as well as Power Factor and THD can be improved reducing the operating frequency at
light load.
In order to maintain low turn-on losses, the frequency fold-back technique is achieved turning on the MOSFET on
the bottom of a resonance valley (valley skip).
In order to avoid random jumping between adjacent valleys (especially at high power), the valley locking scheme
is adopted and the number of jumping valleys remains constant until a significant modification of output power
or input voltage presents. As a result, input THD is minimized at intermediate load, audible noise is avoided and
output variable is smoothly regulated.
HVLED101
Control loop
DS14143 - Rev 2
page 19/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com