Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVLED101TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # HVLED101TR
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button HVLED101TR Datasheet HTML 19Page - STMicroelectronics HVLED101TR Datasheet HTML 20Page - STMicroelectronics HVLED101TR Datasheet HTML 21Page - STMicroelectronics HVLED101TR Datasheet HTML 22Page - STMicroelectronics HVLED101TR Datasheet HTML 23Page - STMicroelectronics HVLED101TR Datasheet HTML 24Page - STMicroelectronics HVLED101TR Datasheet HTML 25Page - STMicroelectronics HVLED101TR Datasheet HTML 26Page - STMicroelectronics HVLED101TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
When VCC drops below VCC-OFF, the IC moves to low consumption mode and activates the high-voltage startup
to recover a sufficient VCC level (VCC-ON).
6.6.2
High-voltage startup
The high-voltage startup unit is intended to charge the VCC capacitor to a voltage that is at least equal to VCC-ON.
This unit is invoked:
at startup
during low consumption to maintain the VCC level
during TART time to maintain the VCC level
in case of iOVP to discharge the input capacitor.
Two different charging currents are provided depending on the operating condition as summarized in the table
below. The charging current automatically shuts down when VCC reaches approximately 19 V.
Table 8. HVSU activation summary
Operating condition
VCC range
OFF
ICHG-H
ICHG-L
All states if VHVSU < VHV-START
Any
X
Startup (initial phase)
0 V ... VCC-LOW
X
Startup (IC startup)
VCC-LOW ... VCC-ON
X
Active mode
VCC-OFF ... VCC-ON
X
Input OVP
VCC-OFF ... VCC-AMR
X
Low consumption mode (LC)
VCC-ON ... VCC-OFF (falling)
X
VCC recover during LC mode
VCC-OFF ... VCC-ON (rising)
X
Deep low consumption mode (DLC)
Any
X
6.7
Parameter selection
Some internal parameters of the device can be programmed selecting the value of the time constant (TauCFGn)
associated with the RC network placed between DLY/CFG and GND.
Once the VCC has risen for the first time above VCC-ON, the DLY/CFG pin is pre-charged up to the VDLY-BIAS and
then released.
The DLY/CFG capacitor CCFG is then discharged by RDLY to define a time constant that is internally detected to
configure the internal parameters as per the following table.
Table 9. Programming configuration
TauCFGn (µs)
CFG
iOVP
BrOut
KHV
DC Det.
IBLEED @ iOVP
30 µs ... 45 µs
CFG1
ON
Low
High
Low
ON
100 µs ... 140 µs
CFG2
OFF
OFF
Low
Low
N.A.
300 µs ... 410 µs
CFG3
ON
High
High
High
ON
860 µs ... 1.2 ms
CFG4
OFF
Low
Low
Low
N.A.
> 2.05 ms
CFG5
ON
Low
High
Low
OFF
If the detected time is shorter than 20 µs the IC does not start, while if the time is not detected within an
approximate time of 2.05 ms, the IC autonomously proceeds into ramp-up state and sets CFG5. In this phase, the
HVSU unit is active to prevent program errors.
The following table summarizes the suggested combination of RDLY and CCFG to obtain both delay time and
configuration programming.
HVLED101
Parameter selection
DS14143 - Rev 2
page 23/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com