Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVLED101TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # HVLED101TR
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button HVLED101TR Datasheet HTML 11Page - STMicroelectronics HVLED101TR Datasheet HTML 12Page - STMicroelectronics HVLED101TR Datasheet HTML 13Page - STMicroelectronics HVLED101TR Datasheet HTML 14Page - STMicroelectronics HVLED101TR Datasheet HTML 15Page - STMicroelectronics HVLED101TR Datasheet HTML 16Page - STMicroelectronics HVLED101TR Datasheet HTML 17Page - STMicroelectronics HVLED101TR Datasheet HTML 18Page - STMicroelectronics HVLED101TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
6.2.5
Deep low consumption mode
This state is intended to reduce the IC consumption to the minimum level in order to reduce the input power
consumption during burst-mode condition (FB or OPTO driven).
When the deep low consumption mode condition is removed, the system evolves to the relevant next state
without turning on the high-voltage startup unit.
6.2.6
Auto-restart time and check state
These are auxiliary states. Auto-restart time is intended to maintain the device supplied for a time equal to TART
until a new restart procedure is automatically generated.
If VCC drops below VCC-OFF, the timers are frozen, while if VCC drops below VCC-SHD the internal logic of the
device is reset and all automatic procedures are also interrupted.
The check state is a logic state that is invoked after VCC-ON trigger to check the status of all protections and take
the proper actions according to protection logic.
6.3
Control loop
The HVLED101 IC is optimized to operate as high power factor peak current mode quasi-resonant (QR) flyback
(Figure 7). In order to realize this operating scheme, it embeds a multiplier that creates the threshold for the PWM
comparator that turns off the main switch when the current measured across a shunt resistor, placed between the
source of said switch and GND, reaches the above-mentioned threshold.
During QR operation, the turn-on command is given by an internal logic that detects the falling edge subsequent
to the transformer demagnetization and applies the delay time programmed by the resistance connected to
DLY/CFG pin.
A minimum off-time (TBLANK) is provided to ignore the falling edges that could be associated with spurious
oscillations of leakage inductance.
Figure 7. QR operating scheme
GD
TBLANK
ZCD
TDLY
CS
VCS
VTRIG
VARM
GD
ZCD
CS
unarmed
already triggered
VTRIG
VARM
VCS
TBLANK
TDLY
TWAIT
The IC operates in quasi-resonant mode, but one or more resonance valley can be skipped to slow down the
operating frequency and improve the system efficiency. The VL pin can be used to adjust the valley skipping
levels as described in the relevant paragraph.
During fixed frequency operation, the turn-on command is given by an internal logic.
HVLED101
Control loop
DS14143 - Rev 2
page 15/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com