Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88871AP Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX88871AP
Description  10/100BASE Dual Speed Bripeater Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88871AP Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX88871AP Datasheet HTML 8Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 9Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 10Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 11Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 12Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 13Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 14Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
AX88871AP Bripeater
ASIX ELECTRONICS CORPORATION
12
Note : The Utilization % display define as following for Mode 0 LED direct driving.
Note 1 :
The calculation formulas of Traffic Utilization between ASIX and NetCom is difference, so you will
get different results when using SmartBit (SB) testing this item.
We found the SmartBit calculate the Utilization without include 96 Bit time inter frame gap. So the
utilization value can be 100%. As well as we found SB used min packet size (64 byte) and min IFG (96
bit-time) as 100% utilization. In theory, when max packet size(1518 byte) and min IFG the utilization
will be more than 100%, but SB also treat it as 100%.
In our AX88871 design, we use real cable bandwidth as calculation base. We calculate the bit counts
of carrier within a unit time. Because of the existence of inter frame gap, In our calculation 100%
utilization is impossible. So the above two cases (64 byte packet size and 1518 byte packet size with
min. IFG ), we will count as 85.7% and 99.2%.
If using SB test result to indicate utilization LED the value must be modified. See the following
reference table.
ASIX’s Utilization%
1
5
10
15
30
60
SmartBit’s Utilization%
2
7
12
17
34
68
2.4 Buffer memory pins group
Signal Name
Type Pin No.
Description
BMA[17:0]
O
113-106,
104, 103,
132-129,
127, 124
Buffer address bus.
BMD[7:0]
I/O
122-115 Buffer data bus.
/BMWR
I/O
102
Memory control pin for write.
/BMA[15]
I/O
97
Invert Buffer address 15.
Utilization % /LUTI0 /LUTI1 /LUTI2 /LUTI3 /LUTI4 /LUTI5
0
1
1
1
1
1
1
1
0
1
1
1
1
1
5
0
0
1
1
1
1
10
0
0
0
1
1
1
15
0
0
0
0
1
1
30
0
0
0
0
0
1
60
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com