Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88871AP Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX88871AP
Description  10/100BASE Dual Speed Bripeater Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88871AP Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX88871AP Datasheet HTML 10Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 11Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 12Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 13Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 14Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 16Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 17Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
AX88871AP Bripeater
ASIX ELECTRONICS CORPORATION
14
2.6 Power on configuration setup signals cross reference table
Signal Name
Share with
Description
OPT[6]
COL_O[6]
OPT[6] : Option for external device type to connect to port 6. Default ‘high’
is for PHY type device. Otherwise, ‘low’ for bridge, switch or MAC type
device.
OPT[7]
COL_O[7]
OPT[7] : Option for external device type to connect to port 7. Default ‘high’
is for PHY type device. Otherwise, ‘low’ for bridge, switch or MAC type
device.
OPT[0]
TXEN7
OPT[0] : Option for LED display. Default ‘high’ for normal operation. User
may pull the pin ‘low’ with 10K ohm resister to force 10M or 100M LED
disable when all the ports are the same speed condition.
OPT[1]
TXD[5][3]
OPT[1] : Option for partition schime. Default ‘high’ for normal operation.
User may pull the pin ‘low’ with 10K ohm resister to force hardly enter
partition state.
TXM_MODE
TXD[6][3]
TXM_MODE : Option for internal used. Default ‘high’ user may pull the pin
‘low’ with 10K ohm resister for reserve transmition mode alternaty.
MODE
TXD[6][2]
MODE = 0 : Single chip repeater application.
MODE = 1 : Multiple chips cascaded repeater application.
OPT[3]
TXD[6][1]
OPT[3] : Option for internal used. Please keep the pin with default value.
EN_FLOW_CTL TXD[6][0]
EN_FLOW_CTL = 0 : Disable flow control function.
EN_FLOW_CTL = 1 : Enable flow control function.
ST_FW
TXD[7][3]
ST_FW : Default ‘high’ for Store and Forward mode. User may pull the pin
‘low’ with 10K ohm resister to seting to Fragment Free mode.
ENTRIES
TXD[7][2]
ENTRIES = 0 : 1024 entries supported
ENTRIES = 1 : 256 entries supported
MEM_SIZE[1]
MEM_SIZE[0]
TXD[7][1]
TXD[7][0]
MEM_SIZE[1] MEM_SIZE[0]
SIZE (K)
1
1
32K
1
0
64K
0
1
128K
0
0
256K
/IR_ACT_EN
/BMWR
Inter Repeater Active Input Pin Enable : This input active low to enable
/HIR_ACTI[7:0] pins as inter-repeater carrier sense detection input.
Otherwise, /HIR_ACTI[7:0] pins are disabled. The setup works only in
MODE = 1.
/DIS_DAISY
/BMA[15]
/DIS_DAISY : Default pull-up to enable daisy chain function. To disable
daisy chain function pull the pin down external.
STACK
TXD[5][2]
Stack option : Default is level one using the legacy expansion method to
cascade 8 repeater chips. When pull the pin low with 10K ohm resister, using
inter-repeater bus horizontally cascades 4 AX88771s and vertically cascades
6 repeaters maximum up-to 192 ports can be constructed.
LRID[1]
TXD[5][1]
Local Repeater Identification Number LRID[1]: When power on reset this pin
as inputs to setup the local repeater ID of the chip. LRID[1:0] indicate the
local repeater ID from 0 to 3.
LRID[0]
TXD[5][0]
Local Repeater Identification Number LRID[0]: When power on reset this pin
as inputs to setup the local repeater ID of the chip. LRID[1:0] indicate the
local repeater ID from 0 to 3.
RID[2]
MCLK
Repeater Identification Number RID[2]: When power on reset this pin as
inputs to setup the repeater ID of the chip. RID[2:0] indicate the repeater ID
from 0 to 7.
RID[1]
MDO
Repeater Identification Number RID[1]: When power on reset this pin as
inputs to setup the repeater ID of the chip. RID[2:0] indicate the repeater ID
from 0 to 7.
RID[0]
MDC
Repeater Identification Number RID[0]: When power on reset this pin as
inputs to setup the repeater ID of the chip. RID[2:0] indicate the repeater ID
from 0 to 7.
All of the above signals are pull-up for default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com