Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88871AP Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88871AP
Description  10/100BASE Dual Speed Bripeater Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88871AP Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88871AP Datasheet HTML 13Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 14Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 16Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 17Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 18Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 19Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 20Page - ASIX Electronics Corporation AX88871AP Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
AX88871AP Bripeater
ASIX ELECTRONICS CORPORATION
17
The repeater sends jam pattern to all other port except for the still activity port.
RXE(ALL) = 0, RXE_IR = 0.
TXE(ALL-X) = 1, TXE_IR = 0. Suppose X is the one left port.
3.3 Jabber State Machine
To prevent an illegally long reception of data from reaching the repeater unit, each port has its own jabber
timer. If a reception exceeds this duration (64K bit times for AX88871A), the jabber condition will be detected.
In this condition, repeater unit will disable receive and transmit packets for the jabbered port and the other ports
remain the normal operation.
When the carrier is no longer detected for the jabbered port or reset the repeater, the jabber function will be
clear and re-enable reception and transmission.
3.4 Partition State Machine
The partition state machine is used to protect network from being upset when a port suffer continuous
collision, each port uses a partition state machine to detect and prevent this condition. When a port suffer from
continuous 64 times of collision events, then it goes to partition state. The partitioned port will be not released
until a packet without collision be transmitted( more than 512 bit times for AX88871A) or reset the repeater.
3.5 Expansion Logic(Cascade Interface)
The expansion logic is used to stack numerous repeaters to expend the number of connected ports. The
expansion logic can be divided into two types:
Expansion Logic without Buffer (minimum mode)
In this mode, use /IR_ACTO[7:0] to cascade repeaters in back plane. Just connect /IR_ACTO[7:0] of
all repeaters without using buffer. This mode is supposed to cascade repeaters on the same board. In this
application, the stackable system can reach to 4 repeaters.
Expansion Logic with Buffer (maximum mode)
This mode is entered with the setting of /DIS_DMII = 0, the dedicated port isn‘t existed again in this
mode. Now the dedicated pins DRXD[3:0], DCRS, DRX_DV, DRX_ER, DRX_CLK play a role as
IR_ACTI[7:0]. Use /IR_ACTO[7:0] and /IR_ACTI[7:0] to cascade repeaters in back plane. Buffers
are used both in /IR_ACTO[7:0] and /IR_ACTI[7:0]. The mode is supposed to cascade repeaters on
different boards via cables. In this application, the stackable system can reach to 8 repeaters.
/IR_ACTO<7:0> are driven according to repeater ID and receive activity of local connected ports as
follows:
Repeater ID
IDLE state
Only One Port Activity
More than One Port Activity
000
11111111
11111110
11111100
001
11111111
11111101
11111100
010
11111111
11111011
11111001
011
11111111
11110111
11110011
100
11111111
11101111
11100111
101
11111111
11011111
11001111
110
11111111
10111111
10011111
111
11111111
01111111
00111111
Note: All /IR_ACTO[7:0] will be in open-drain status when they aren‘t driven. These signals present high
via external pull high resister.
3.6 Data Flow control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com