Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84330CVILF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 84330CVILF
Description  720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84330CVILF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 84330CVILF Datasheet HTML 9Page - Renesas Technology Corp 84330CVILF Datasheet HTML 10Page - Renesas Technology Corp 84330CVILF Datasheet HTML 11Page - Renesas Technology Corp 84330CVILF Datasheet HTML 12Page - Renesas Technology Corp 84330CVILF Datasheet HTML 13Page - Renesas Technology Corp 84330CVILF Datasheet HTML 14Page - Renesas Technology Corp 84330CVILF Datasheet HTML 15Page - Renesas Technology Corp 84330CVILF Datasheet HTML 16Page - Renesas Technology Corp 84330CVILF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
©2016 Integrated Device Technology, Inc
Revision A January 13, 2016
84330CI Data Sheet
Power Considerations
This section provides information on power dissipation and junction temperature for the 84330CI.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the 84330CI is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VCC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 17mA = 58.9mW
•
Power (outputs)MAX = 30mW/Loaded Output Pair
Total Power_MAX (3.465V, with all outputs switching) = 58.9mW + 30mW = 88.9mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming a moderate air
flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 31.1°C/W per Table 8A below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
85°C + 0.89W * 31.1°C/W = 112.7°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 8A. Thermal Resistance JA for 28 Lead PLCC, Forced Convection
Table 8B. Thermal Resistance JA for 32 Lead LQFP, Forced Convection
JA by Velocity
Linear Feet per Minute
0
200
500
Multi-Layer PCB, JEDEC Standard Test Boards
37.8°C/W
31.1°C/W
28.3°C/W
JA by Velocity
Linear Feet per Minute
0200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com