Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84330CVILF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 84330CVILF
Description  720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84330CVILF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 84330CVILF Datasheet HTML 10Page - Renesas Technology Corp 84330CVILF Datasheet HTML 11Page - Renesas Technology Corp 84330CVILF Datasheet HTML 12Page - Renesas Technology Corp 84330CVILF Datasheet HTML 13Page - Renesas Technology Corp 84330CVILF Datasheet HTML 14Page - Renesas Technology Corp 84330CVILF Datasheet HTML 15Page - Renesas Technology Corp 84330CVILF Datasheet HTML 16Page - Renesas Technology Corp 84330CVILF Datasheet HTML 17Page - Renesas Technology Corp 84330CVILF Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
©2016 Integrated Device Technology, Inc
Revision A January 13, 2016
84330CI Data Sheet
3. Calculations and Equations.
The purpose of this section is to calculate the power dissipation for the LVPECL output pair.
LVPECL output driver circuit and termination are shown in Figure 7.
Figure 7. LVPECL Driver Circuit and Termination
To calculate worst case power dissipation into the load, use the following equations which assume a 50 load, and a termination voltage of
VCC - 2V.
•
For logic high, VOUT = VOH_MAX = VCC_MAX - 0.9V
(VCC_MAX - VOH_MAX) = 0.9V
•
For logic low, VOUT = VOL_MAX = VCC_MAX - 1.7V
(VCC_MAX - VOL_MAX) = 1.7V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(VOH_MAX - (VCC_MAX -2V))/RL] * (VCC_MAX - VOH_MAX) = [(2V - (VCC_MAX - VOH_MAX))/RL] * (VCC_MAX - VOH_MAX) =
[(2V - 0.9V)/50
] * 0.9V = 19.8mW
Pd_L = [(VOL_MAX - (VCC_MAX -2V))/RL] * (VCC_MAX - VOL_MAX) = [(2V - (VCC_MAX - VOL_MAX))/RL] * (VCC_MAX - VOL_MAX) =
[(2V - 1.7V)/50
] * 1.7V = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
V
OUT
V
CC
V
CC - 2V
Q1
RL
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com