Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84330CVILF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 84330CVILF
Description  720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84330CVILF Datasheet(HTML) 2 Page - Renesas Technology Corp

  84330CVILF Datasheet HTML 1Page - Renesas Technology Corp 84330CVILF Datasheet HTML 2Page - Renesas Technology Corp 84330CVILF Datasheet HTML 3Page - Renesas Technology Corp 84330CVILF Datasheet HTML 4Page - Renesas Technology Corp 84330CVILF Datasheet HTML 5Page - Renesas Technology Corp 84330CVILF Datasheet HTML 6Page - Renesas Technology Corp 84330CVILF Datasheet HTML 7Page - Renesas Technology Corp 84330CVILF Datasheet HTML 8Page - Renesas Technology Corp 84330CVILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
©2016 Integrated Device Technology, Inc
Revision A January 13, 2016
84330CI Data Sheet
Functional Description
NOTE: The functional description that follows describes operation
using a 16MHz crystal. Valid PLL loop divider values for different
crystal or input frequencies are defined in the Input Frequency
Characteristics, Table 6, NOTE 1.
The 84330CI features a fully integrated PLL and therefore requires
no external components for setting the loop bandwidth. A quartz
crystal is used as the input to the on-chip oscillator. The output of the
oscillator is divided by 16 prior to the phase detector. With a 16MHz
crystal, this provides a 1MHz reference frequency. The VCO of the
PLL operates over a range of 250MHz to 720MHz. The output of the
M divider is also applied to the phase detector.
The phase detector and the M divider force the VCO output fre-
quency to be 2M times the reference frequency by adjusting the
VCO control voltage. Note that for some values of M (either too high
or too low), the PLL will not achieve lock. The output of the VCO is
scaled by a divider prior to being sent to each of the LVPECL output
buffers. The divider provides a 50% output duty cycle.
The programmable features of the 84330CI support two input modes
to program the M divider and N output divider. The two input
operational modes are parallel and serial. Figure 1 shows the timing
diagram for each mode. In parallel mode the nP_LOAD input is
LOW. The data on inputs M0 through M8 and N0 through N1 is
passed directly to the M divider and N output divider. On the
LOW-to-HIGH transition of the nP_LOAD input, the data is latched
and the M divider remains loaded until the next LOW transition on
nP_LOAD or until a serial event occurs. The TEST output is Mode
000 (shift register out) when operating in the parallel input mode.
The relationship between the VCO frequency, the crystal frequency
and the M divider is defined as follows:
fVCO = fXTAL x 2M
16
The M value and the required values of M0 through M8 are shown in
Table 3B, Programmable VCO Frequency Function Table. Valid M
values for which the PLL will achieve lock are defined as 125
 M 
360. The frequency out is defined as follows:
fout = fVCO = fXTAL x 2M
N16
N
Serial operation occurs when nP_LOAD is HIGH and S_LOAD is
LOW. The shift register is loaded by sampling the S_DATA bits with
the rising edge of S_CLOCK. The contents of the shift register are
loaded into the M divider when S_LOAD transitions from
LOW-to-HIGH. The M divide and N output divide values are latched
on the HIGH-to-LOW transition of S_LOAD. If S_LOAD is held
HIGH, data at the S_DATA input is passed directly to the M divider
on each rising edge of S_CLOCK. The serial mode can be used to
program the M and N bits and test bits T2:T0. The internal registers
T2:T0 determine the state of the TEST output as follows in the table
below:
T2
T1
T0
TEST Output
fOUT
0
0
0
Shift Register Out
fOUT
00
1
HIGH
fOUT
0
1
0
PLL Reference XTAL ÷16
fOUT
0
1
1
(VCO ÷ M)/2 (non 50% Duty Cycle M Divider)
fOUT
10
0
fOUT, LVCMOS Output Frequency < 200MHz
fOUT
10
1
LOW
fOUT
1
1
0
(S_CLOCK ÷ M)/2 (non 50% Duty Cycle M Divider)
S_CLOCK ÷ N Divider
11
1
fOUT ÷ 4
fOUT
Time
SERIAL LOADING
PARALLEL LOADING
t
S
t
H
t
S
t
H
t
S
M, N
M0
M1
M2
M3
M4
M5
M6
M7
M8
N0
N1
T0
T1
T2
S_CLOCK
S_DATA
S_LOAD
nP_LOAD
nP_LOAD
M0:M8, N0:N1
nP_LOAD
Figure 1. Parallel & Serial Load Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com