Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20134ASP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R2A20134ASP
Description  LED Lighting Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20134ASP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R2A20134ASP Datasheet HTML 1Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
R2A20134ASP
R03DS0067EJ0301 Rev.3.01
Page 3 of 13
Jan 08, 2016
Block Diagram
Logic Block
RAMP Control
1st OCP
4
VREF
5
CS
8
VCC
6
GND
OUT
0.6V
+
–
2.5V
2nd OCP&OVP
+
–
2V
1V
Max Duty Detect
+
–
+
–
1V
0.605V
Error
Amp
VREF
250n
1
FB
–
+
10p
VREF
OFF: 9.2V/ON: 12V
VREF: 5.02V
UVLO
COMP
4.1V
TSD ON: 155°C
OFF: 110°C
VCC
2
S
R
Q
7
–
+
VREF
Rrt
RT
3
VREF
15
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com