Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20134ASP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R2A20134ASP
Description  LED Lighting Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20134ASP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R2A20134ASP Datasheet HTML 1Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R03DS0067EJ0301 Rev.3.01
Page 1 of 13
Jan 08, 2016
Data Sheet
R2A20134ASP
LED Lighting Power Controller
Description
R2A20134ASP is a LED lighting controller IC.
Control method is a fixed frequency mode.
Error Amp Mode realizes High Power Factor and High Efficiency.
And the Peak Current Mode makes it possible to reduce external parts and realize low system cost.
The Error amp Mode control output current and the Peak Current Mode control output power.
Features
• Absolute maximum ratings
⎯ Supply voltage Vcc: 24 V
⎯ Junction temperature Tj: –40 to +150°C
• Electrical characteristics
⎯ UVLO operation start voltage VH: 12 V ± 0.8 V
⎯ UVLO operation shutdown voltage VL: 9.2 V ± 0.7 V
⎯ UVLO hysteresis voltage Hysuvl: 2.8 V ± 0.7 V
• Functions
⎯ Fixed frequency mode (When Rrt is connected by Vref)
⎯ Overcurrent protection (2step)
⎯ Overvoltage protection
⎯ Thermal shutdown (T.S.D.)
⎯ Package lineup: Pb-free SOP-8 (JEDEC)
Ordering Information
Part No.
Package Name
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
R2A20134ASP#W5
—
PRSP0008DJ-A
SP
W (2,500 pcs/reel)
R03DS0067EJ0301
Rev.3.01
Jan 08, 2016


Similar Part No. - R2A20134ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
LED Lighting Power Controller
More results

Similar Description - R2A20134ASP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28810 TI-UCC28810 Datasheet
1Mb / 31P
LED LIGHTING POWER CONTROLLER
UCC28810 TI-UCC28810_11 Datasheet
1Mb / 33P
LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_15 Datasheet
117Kb / 12P
LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_16 Datasheet
276Kb / 11P
LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com