Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20134ASP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R2A20134ASP
Description  LED Lighting Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20134ASP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R2A20134ASP Datasheet HTML 1Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
R2A20134ASP
R03DS0067EJ0301 Rev.3.01
Page 4 of 13
Jan 08, 2016
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Notes
Power supply voltage
VCC
–0.3 to +24
V
OUT terminal peak current
Ipk-snk-out
0.9
A
3
Ipk-src-out
–0.50
OUT terminal DC current
Idc-snk-out
100
mA
Idc-src-out
–50
RT terminal current
Irt
200
μA
VREF terminal current
Iref
–5
mA
VREF terminal voltage
Vt-ref
–0.3 to Vref + 0.3
V
FB terminal voltage
Vt-fb
–0.3 to +5
V
CS terminal voltage
Vcs
–0.3 to +5
V
Power dissipation
Pt
0.68
W
4
Operating ambient temperature
Ta-opr
–40 to +125
°C
Junction temperature
Tj
–40 to +150
°C
5
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Rated voltages are with reference to the GND terminal.
2. For rated currents, inflow to the IC is indicated by (+), and outflow by (–).
3. Shows the transient current when driving a capacitive load.
4. In case of R2A20134ASP:
θja = 120°C/W
This value is a thing mounting on 40
× 40 × 1.6 [mm], a glass epoxy board of wiring density 10%.
5. Stresses exceeding the absolute maximum ratings may damage the device.
These are stress ratings only. Functional operation above the recommended operating ambient temperature
range is not implied.
Extended exposure to stresses above the absolute maximum ratings may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com