Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20134ASP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R2A20134ASP
Description  LED Lighting Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20134ASP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R2A20134ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 9Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 10Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
R2A20134ASP
R03DS0067EJ0301 Rev.3.01
Page 7 of 13
Jan 08, 2016
Waveforms
1. Start-up Timing
12 V (Vuvlh)
5.02 V
3.6 V
VCC
VREF
FB
VREF GOOD
(Internal signal)
COMP
OUT
1 V
2. Stop Timing
OUT
Normal operation
9.2 V
(Vuvll)
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com