Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP384XG Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AP384XG
Description  GREEN MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AP384XG Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AP384XG Datasheet HTML 1Page - Advanced Analogic Technologies AP384XG Datasheet HTML 2Page - Advanced Analogic Technologies AP384XG Datasheet HTML 3Page - Advanced Analogic Technologies AP384XG Datasheet HTML 4Page - Advanced Analogic Technologies AP384XG Datasheet HTML 5Page - Advanced Analogic Technologies AP384XG Datasheet HTML 6Page - Advanced Analogic Technologies AP384XG Datasheet HTML 7Page - Advanced Analogic Technologies AP384XG Datasheet HTML 8Page - Advanced Analogic Technologies AP384XG Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Preliminary Datasheet
BCD Semiconductor Manufacturing Limited
Functional Block Diagram
Figure 3. Functional Block Diagram of AP384XG
VCC
GND
RT/CT
FB
CS
COMP
REF
OUTPUT
OSC
VREF
GOOD
LOGIC
OVER TEMP
PROTECT
INTERNAL
BIAS
2R
R
S/R
5V
REF
UVLO
2.50V
PWM
LATCH
CURRENT
SENSE
COMPARATOR
ERROR
AMP
34V
1V
S
R
Q
Q
Package
Tempera-
ture Range
Part Number
Marking ID
Packing
Type
Tin Lead
LeadFree
Tin Lead
LeadFree
SOIC-8
-40 to 85oC
AP3842/3/4/5GM
AP3842/3/4/5GM-E1
3842/3/4/5GM
3842/3/4/5GM-E1
Tube
AP3842/3/4/5GMTR AP3842/3/4/5GMTR-E1
3842/3/4/5GM
3842/3/4/5GM-E1
Tape/Reel
DIP-8
-40 to 85oC
AP3842/3/4/5GP
AP3842/3/4/5GP-E1
AP3842/3/4/5GP
AP3842/3/4/5GP-E1
Tube
Ordering Information
The listed part numbers are used during the transition to lead-free products. After the transition completed, lead-free products
will be considered as the"standard" and we will resume the original part numbers.
Circuit Type
Package
P: DIP-8
M: SOIC-8
E1: Lead-free
Blank: Tin Lead
A Z 384XG
-
TR: Tape/Reel
Blank: Tube



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com