Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP384XG Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AP384XG
Description  GREEN MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AP384XG Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AP384XG Datasheet HTML 2Page - Advanced Analogic Technologies AP384XG Datasheet HTML 3Page - Advanced Analogic Technologies AP384XG Datasheet HTML 4Page - Advanced Analogic Technologies AP384XG Datasheet HTML 5Page - Advanced Analogic Technologies AP384XG Datasheet HTML 6Page - Advanced Analogic Technologies AP384XG Datasheet HTML 7Page - Advanced Analogic Technologies AP384XG Datasheet HTML 8Page - Advanced Analogic Technologies AP384XG Datasheet HTML 9Page - Advanced Analogic Technologies AP384XG Datasheet HTML 10Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Preliminary Datasheet
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ERROR AMPLIFIER SECTION
Input Voltage
VI
VCOMP=2.5V
2.45
2.50
2.55
V
Output Sink Current
ISINK
VCOMP=1.1V
6
10
mA
Output Source Current
ISOURCE
VCOMP=5V
-0.5
-0.8
mA
High Output Voltage
VOH
RL=15kΩ to GND
5
7
V
Low Output Voltage
VOL
RL=15kΩ to pin REF
0.7
1.1
V
Voltage Gain
2V
≤ VO ≤ 4V
65
90
dB
Power Supply Rejection Ratio
PSRR
12V
≤ VCC ≤ 25V
60
70
dB
CURRENT SENSE SECTION
Maximum Input Signal
VI(MAX)
VCOMP=5V (Note 5)
0.9
1
1.1
V
Gain
GV
0V
≤ VCS ≤ 4V (Note 5, 6)
2.85
3
3.15
V/V
Power Supply Rejection Ratio
PSRR
12V
≤ VCC ≤ 25V (Note 5, 7)
70
dB
Delay to Output
VCS= 0 to 2V (Note 7)
150
250
ns
Input Bias Current
IBIAS
VOUTPUT=High
-3
-10
µA
Leading Edge Blanking Duration
TLEB
250
ns
OUTPUT SECTION
Low Output Voltage
VOL
ISINK = 20mA
0.2
0.4
V
ISINK = 200mA
1.4
2.2
V
High Output Voltage
VOH
ISOURCE = 20mA
13
13.5
V
ISOURCE = 200mA
12
13
V
Rise Time
tR
TJ=25oC, CL=1nF
150
250
ns
Fall Time
tF
TJ=25oC, CL=1nF
50
150
ns
SKIP CYCLE MODE SECTION
Source Current (@ CS)
VOUTPUT=Low, TJ=25oC
180
200
220
µA
OVER-TEMPERATURE PROTECT SECTION
Shutdown Temperature
TSHUT
155
oC
Temperature Hysteresis
THYS
25
oC
Electrical Characteristics (Continued)
A=
, 0 ≤ Vpin3 ≤ 0.8V
∆VPin 3
Note 5: Parameters are tested at trip point of latch with Vpin2 = 0.
Note 6: Here gain is defined as:
∆VPin 1
Note 7: These parameters, although guaranteed, are not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com