Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP384XG Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AP384XG
Description  GREEN MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AP384XG Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AP384XG Datasheet HTML 2Page - Advanced Analogic Technologies AP384XG Datasheet HTML 3Page - Advanced Analogic Technologies AP384XG Datasheet HTML 4Page - Advanced Analogic Technologies AP384XG Datasheet HTML 5Page - Advanced Analogic Technologies AP384XG Datasheet HTML 6Page - Advanced Analogic Technologies AP384XG Datasheet HTML 7Page - Advanced Analogic Technologies AP384XG Datasheet HTML 8Page - Advanced Analogic Technologies AP384XG Datasheet HTML 9Page - Advanced Analogic Technologies AP384XG Datasheet HTML 10Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Preliminary Datasheet
BCD Semiconductor Manufacturing Limited
Typical Application
Figure 12. Typical Application of AP384XG in AC/DC Converter
+
8
4
6
3
+
J1
AC 220V
R2
1.2M
C14
100
µ/400V
C2
0.01
µ
600V
R3
39k
2W
D1
Byv26e
T
D3
8TQ100
L3
10
µ
C9
2200
µ
C10
1000
µ
C11
1
µ
C12
10
µ
Z2
SA12A
J2
12V/5A
C1 100
µ
R4 4.7
D2
1N4148
U1
AP384XG
V
cc
7
2
1
5
V
CC
V
REF
V
FB
R
T/CT
COMP OUTPUT
GND
I
SENSE
U2 PC817
C5
220p
R14
130k
R13
15k
R12
100
Z1
1N5819
R7
2k
R6
1
Q1
IRF830
R9
10k
R10
0.51/1W
C6
220p/600V
R5
10k
C8
0.22
µ
R15
100
R16
8.2k
W1
1k
R18
1k
R17
2k
U3
AZ431
NTC
C3
0.1
µ
C4
3.3n
+
R11
820
C7
680p
R19
10
C15
2.2n



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com