Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP384XG Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AP384XG
Description  GREEN MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AP384XG Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AP384XG Datasheet HTML 1Page - Advanced Analogic Technologies AP384XG Datasheet HTML 2Page - Advanced Analogic Technologies AP384XG Datasheet HTML 3Page - Advanced Analogic Technologies AP384XG Datasheet HTML 4Page - Advanced Analogic Technologies AP384XG Datasheet HTML 5Page - Advanced Analogic Technologies AP384XG Datasheet HTML 6Page - Advanced Analogic Technologies AP384XG Datasheet HTML 7Page - Advanced Analogic Technologies AP384XG Datasheet HTML 8Page - Advanced Analogic Technologies AP384XG Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Preliminary Datasheet
BCD Semiconductor Manufacturing Limited
(VCC=15V, RT=10kΩ CT=3.3nF, TA= -40 to 85oC, unless otherwise specified.)
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage
VREF
TJ=25oC, IREF=1mA
4.95
5.00
5.05
V
Total Output Variation
Line, Load, Temp.
4.9
5.10
V
Line Regulation
∆VREF
12V
≤ VCC ≤25V
4
15
mV
Load Regulation
∆VREF
1mA
≤ IREF ≤20mA
4
15
mV
Short Circuit Output Current
ISC
TA=25oC
-100
-180
mA
Temperature Stability
0.2
0.4
mV/oC
UNDER VOLTAGE LOCK OUT SECTION
Start-up Threshold
AP3842G/AP3844G
15
16
17
V
AP3843G/AP3845G
7.8
8.4
9.0
Minimum Operating Voltage
AP3842G/AP3844G
8.5
10
11.5
V
AP3843G/AP3845G
7.0
7.6
8.2
TOTAL STANDBY CURRENT SECTION
Start-up Current
VCC=14V
40
80
µA
Operating Current
VFB=0, VCS=0, CL=1nF
8
mA
Standby Operating Current
VFB=2.7V, VCS=0.5V
6
mA
Zener Voltage
ICC=25mA
30
34
V
PWM SECTION
Maximum Duty Cycle
AP3842G/AP3843G
94
96
%
AP3844G/AP3845G
46
48
50
Minimum Duty Cycle
0%
OSCILLATOR SECTION
Oscillation Frequency
f
TJ=25oC
47
52
57
KHz
Oscillator Amplitude
VOSC
Pin RT/CT, peak to peak
1.7
V
Temperature Stability
2
%
Voltage Stability
12V ≤ VCC ≤ 25V
0.2
1
%
Discharge Current
VRT/CT = 2V (Note 4)
8.5
9.5
10.5
mA
Note 4: This parameter is measured with RT=10kΩ to VREF, it contributes 0.3mA of current to the measured value.
So the total current flowing into the CT pin will be 0.3mA higher than the measured value approximately.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com