| Electronic Components Datasheet Search |
|
DSP56600FM/AD Datasheet(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56600FM/AD Datasheet(HTML) 29 Page - NXP Semiconductors |
|
29 / 76 page ![]() Pin and Signal Descriptions DSP56651 Signal Description Preliminary MOTOROLA DSP56651 Technical Data Sheet 1-23 COL6 OC1 Input or Output Output Input Column strobe 6— This signal functions as a keypad column strobe that can be programmed as a regular or open-drain output. MCU timer 1 output compare —When programmed as OC1, this is the MCU Timer 1 output compare signal. When not programmed as OC1 and not used as a column strobe signal, this is a GPIO signal. After reset, the default state is GPI COL7 PWM Input or Output Output Input Column strobe 7— This signal functions as a keypad column strobe that can be programmed as a regular or open-drain output. Pulse width modulator output —When so programmed, this is the pulse width modulator output. When not programmed as PWM and not used as a column strobe signal, this is a GPIO signal. After reset, the default state is GPI ROW0– ROW4 Input or Output Input Row sense 0–4— These signals function as keypad row senses. When not used as Row Sense signals, these are GPIO signals. After reset, the default state is GPI. These signals have on-chip 22 k Ω pull- up resistors. ROW5 IC2B Input or Output Input Input Row sense 5— This signal functions as a keypad row sense. MCU input compare 2 timer —When so programmed, this signal can be the input capture for the MCU input compare 2 timer. When not programmed as IC2B and not used as a row sense signal, this is a GPIO signal. After reset, the default state is GPI. Table 1-14 Keypad Port Signals (Continued) Signal Name Signal Type State during Reset Signal Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |