Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56600FM/AD Datasheet(PDF) 55 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 51Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 52Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 53Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 54Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 55Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 56Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 57Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 58Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
Specifications
Audio Serial Codec and Baseband Serial Codec Timing
Preliminary
MOTOROLA
DSP56651 Technical Data Sheet
2-13
AUDIO SERIAL CODEC AND BASEBAND SERIAL CODEC TIMING
The audio serial codec port (also called the serial audio port or SAP) and the
baseband serial codec port (also called the baseband port or BBP) have the same
timing specifications. The timing table uses the following acronyms to describe the
signal parameters:
tSSICC = BBP/SAP clock cycle time
TXC (SCKA/SCKB Pin) = Transmit clock
RXC (SC0A/SC0B or SCKA/SCKB Pin) = Receive clock
FST (SC2A/SC2B Pin) = Transmit frame sync
FSR (SC1A/SC1B or SC2A/SC2B Pin) = Receive frame sync
i ck = Internal clock
x ck = External Clock
i ck a = Internal clock, asynchronous mode (asynchronous
implies that TXC and RXC are two different clocks)
i ck s = Internal clock, synchronous mode (synchronous implies
that TXC and RXC are the same clock)
bl = Bit length
wl = Word length
wr = Word length relative
Figure 2-8
QSPI Timings for CPHA = 1
SCK (CSPOL = 0)
MISO
SCK (CSPOL = 1)
PCS [4:0]
MOSI
MSB OUT
DATA
LSB OUT
MSB IN
DATA
LSB IN
MSB OUT
MSB IN
303
305
304
301
302
306
302
308
311
309
307
310
AA1686
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com