Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6407 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 100Page - NXP Semiconductors FS6407 Datasheet HTML 101Page - NXP Semiconductors FS6407 Datasheet HTML 102Page - NXP Semiconductors FS6407 Datasheet HTML 103Page - NXP Semiconductors FS6407 Datasheet HTML 104Page - NXP Semiconductors FS6407 Datasheet HTML 105Page - NXP Semiconductors FS6407 Datasheet HTML 106Page - NXP Semiconductors FS6407 Datasheet HTML 107Page - NXP Semiconductors FS6407 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 111 page
background image
104
NXP Semiconductors
FS6407/FS6408
9
Typical applications
Figure 49. FS6407/FS6408 simplified application schematic with non-inverting buck-boost configuration
Figure 50. VAUX/VCCA connection
FB_CORE
VCCA_E
VCCA_B
VCCA
VAUX_E
VAUX_B
VAUX
CAN-5V
VSENSE
COMP_CORE
MOSI
MISO
SCLK
NCS
RXD
TXD
CANH
CANL
VDDIO
SELECT
MUX_OUT
INTB
RSTB
FS0B
DEBUG
IO_0
IO_1
IO_2
IO_3
IO_4
IO_5
VCORE_SNS
GND_COM
VSUP3
Vbat
1 µH
5.1 k
Ω
1µF
22 µH
1µF
2.2 µH
R3
R4
C1
R1
R2
C2
4
MCU SPI
VDDIO
MCU RESET
MCU CAN
5.1K
Ω
MCU Int.
To Fail Safe
circuitry
120
Ω
RSelect
SELECT pin Configuration for VCCA & VAUX
(R select connected to GND)
Vcca
Vaux
Rselect (K
Ω)
Recommended Value
3.3V
3.3V
< 7
5.1KΩ +/-5%
5V
5V
10.8 <<13.2
12K
Ω +/-5%
3.3V
5V
21.6 <<26.4
24K
Ω +/-5%
5V
3.3V
45.9 <<56.1
51K
Ω +/-5%
Components selection for Vcore voltage (current range 10mA -> 800mA, DI/DT = 2A/µs)
Vcore voltage
R3(+/-1%)
R4(+/-1%)
R1(+/-5%)
C1
R2(+/-5%)
C2
Cout
1.23V
4.32K
Ω
8.06K
Ω
200Ω
220pF
39K
Ω
1nF
2*10µF
3.3V
24.9K
Ω
8.06K
Ω
510
Ω
680pF
18K
Ω
150pF
2*10µF
MCU inputs
Vcore Voltage
Vcca (5V or 3.3V), available configurations
Whithout Ext. PNP : 100mA capability +/-1% accuracy for 5V
configuration, +/-1.5% accuracy for 3.3V configuration,
With Ext. PNP : < 200mA +/-2% accuracy
With Ext. PNP : 300mA capability +/-3% accuracy
Vaux (5V or 3.3V)
300mA capability +/-3% accuracy
MUX_OUT (output selected by SPI)
Vsense or
VIO_0 or
VIO_1 or
Internal 2.5V reference voltage (2.5V +/-1%)
Connected to Vcca or Vcore
(If connected to Vcore, must be
connected closed to coutx 10µF x 2)
VDDIO
or VSUP3
5.1K
Ω if connected to VDDIO
>10K
Ω if connected to Vsup3
5.1K
Ω
PGND
PGND PGND
PGND
PGND
GND
GND
GND
PGND
PGND
PGND
PGND
PGND
PGND
GND
GND
GND
GND
GND
GND
GND
PGND
GND
GND
Ground Connections
PGND ground plane connected to DGND pin
GND ground plane connected to AGND and GND_COM pins
PGND (DGND) and GND (AGND & GND_COM) connected together far from
PGND ground plane.
GND
Vpre
DEBUG
mode
GND
GND
GNDA
GND
DGND
ESR cap.
<100m
Ω
ESR cap.
<10m
Ω
ESR cap.
<10m
Ω
ESR cap.
<100m
Ω
ESR cap.
<100m
Ω
Vaux_PNP
Vcca_PNP
11K
Ω
5.1 k
Ω
FCCU monitoring
from Freescale
MCU
Optional
Optional
Optional
PGND
EMI sup. Capacitor must be connected
closed to load (220nF) and connected to
GND
EMI sup. Capacitor must be connected
closed to load (100nF + 100pF) and
connected to GND
GND
GND
1K
Ω
PGND
0R
Vbat
Optional
Recommended
connection for IOs not
used in the application
Example of IO
connection and usage
5.1 k
Ω
5.1 k
Ω
Capacitor must be
close to Vaux pin
Capacitor closed to
Vcca pin
Resistor must be
close to Select pin
Capacitors must be close to Vpre pin
GND
GND
10K
Ω
330pF
GND
Key on
Snubber values must be fine tuned as
linked also to board layout performance
Snubber values must be fine tuned as
linked also to board layout performance
R3
R4
To IO_1
Optional
GND
Optional
From 2nd Vcore
resistor bridge
VCCA_E
VCCA_B
VCCA
GND
ESR cap.
<100 m
Ω
Vcca_PNP
Optional
33907L_08L
VAUX_E
VAUX_B
VAUX
ESR cap.
<100 m
Ω
Vaux_PNP
SELECT
RSelect
GND
GND
FS6407/FS6408



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com