Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6408 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 12Page - NXP Semiconductors FS6408 Datasheet HTML 13Page - NXP Semiconductors FS6408 Datasheet HTML 14Page - NXP Semiconductors FS6408 Datasheet HTML 15Page - NXP Semiconductors FS6408 Datasheet HTML 16Page - NXP Semiconductors FS6408 Datasheet HTML 17Page - NXP Semiconductors FS6408 Datasheet HTML 18Page - NXP Semiconductors FS6408 Datasheet HTML 19Page - NXP Semiconductors FS6408 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 111 page
background image
16
NXP Semiconductors
FS6407/FS6408
Interrupt
VINTB_OL
Low Output Level (IINT = 2.5 mA)
–
–
0.5
V
RPU_INT
Internal Pull-up Resistor (connected to VDDIO)
–
10
–
K
Ω
IINT_LK
Input Leakage Current
–
–
1
µA
CAN transceiver
CAN logic input pin (TXD)
VTXD_IH
TXD High Input Threshold
0.7 x VDDIO
–
–
V
VTXD_IL
TXD Low Input Threshold
–
–
0.3 x VDDIO
V
TXDPULL-UP
TXD Main Device Pull-up
20
33
50
K
Ω
TXDLK
TXD Input Leakage Current, VTXD = VDDIO
-1.0
–
1.0
µA
CAN logic output pin (RXD)
VRXD_OL1
Low Level Output Voltage (IRXD = 250 µA)
–
–
0.4
V
VRXD_OL2
Low Level Output Voltage (IRXD = 1.5 mA)
–
–
0.9
V
VOUTHIGH
High Level Output Voltage (IRXD = -250 µA, VDDIO = 3.0 V to 5.5 V)
VDDIO -
0.4V
––
V
CAN Output pins (CANH, CANL)
VDIFF_COM_MODE Differential Input Comparator Common Mode Range
-12
–
12
V
VIN_DIFF_SLEEP
Differential Input Voltage Threshold in Sleep Mode
0.5
–
0.9
V
VIN_HYST
Differential Input Hysteresis (in TX, RX mode)
50
–
–
mV
RIN_CHCL
CANH, CANL Input Resistance
5.0
–
50
k
Ω
RIN_DIFF
CAN Differential Input Resistance
10
–
100
k
Ω
RIN_MATCH
Input Resistance Matching
-3.0
–
3.0
%
VCANH
CANH Output Voltage (45
Ω < RBUS < 65 Ω)
• TX dominant state
• TX recessive state
2.75
2.0
–
2.5
4.5
3.0
V
VCANL
CANL Output Voltage (45
Ω < RBUS < 65 Ω)
• TX dominant state
• TX recessive state
0.5
2.0
–
2.5
2.25
3.0
V
VCAN_SYM
CAN dominant voltage symmetry (VCANL + VCANH)
4.5
5
5.5
V
VOH-VOL
Differential Output Voltage
• TX dominant state (45
Ω < RBUS < 65 Ω)
• TX recessive state
1.5
-50
2.0
0.0
3.0
50
V
mV
ICANL-SK
CANL Sink Current Under Short-circuit Condition (VCANL ≤ 12 V, CANL
driver ON, TXD low)
40
–
100
mA
ICANH-SC
CANH Source Current Under Short-circuit Condition (VCANH = -2.0 V,
CANH driver ON, TXD low)
-100
–
-40
mA
RINSLEEP
CANH, CANL Input Resistance Device Supplied and in CAN Sleep
Mode
5.0
–
50
k
Ω
Table 4. Operating range (continued)
TCASE = -40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com