Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6408 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 53Page - NXP Semiconductors FS6408 Datasheet HTML 54Page - NXP Semiconductors FS6408 Datasheet HTML 55Page - NXP Semiconductors FS6408 Datasheet HTML 56Page - NXP Semiconductors FS6408 Datasheet HTML 57Page - NXP Semiconductors FS6408 Datasheet HTML 58Page - NXP Semiconductors FS6408 Datasheet HTML 59Page - NXP Semiconductors FS6408 Datasheet HTML 60Page - NXP Semiconductors FS6408 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 111 page
background image
NXP Semiconductors
57
FS6407/FS6408
Figure 41. CAN timing diagram
6.8.1.2
Sleep mode
When the device is in LPOFF mode, the CAN transceiver is automatically set in Sleep mode with or without wake-up capability, depending
on the CAN mode bits configuration. In that case, the CANH and CANL pins are pulled down to GND via the internal RIN resistor, the TXD
and RXD pins are pulled down to GND, both driver and receiver are OFF.
The CAN mode is automatically changed to sleep with wake-up capability, if not configured to sleep without wake-up capability when the
device enters is LPOFF. After LPOFF, the initial CAN mode prior to enter LPOFF is restored (Figure 42).
Figure 42. CAN transition when device goes to LPOFF
6.8.2
Fault detection
6.8.2.1
TXD permanent dominant (timeout)
If TXD is set low for a time longer than tDOUT parameter, the CAN drivers are disabled, and the CAN bus returns to recessive state. The
CAN receiver continues to operate. This prevent the bus to be set in dominant state permanently in case a failure set the TXD input to
low level permanently.
The CAN_mode MSB bit is set to 0 and the flag TXD_dominant is reported in the Diag CAN1 register. The device recovers from this error
detection after setting the CAN_mode to Normal operation and when a high level is detected on TXD. The TXD failure detection is
operating when the CAN transceiver is in Normal mode and Listen Only mode.
0.3VDDIO
TXD
CANH
RXD
CANL
Vdiff
dominant
recessive
0.9V
0.5V
0.7VDDIO
high
low
high
low
Tloop (R-D)
Tloop (D-R)
(CANH - CANL)
CAN_mode
CAN_mode
CAN_mode
[1:0]
[1:0]
[1:0]
0
Sleep, no wake-up capability
0
Sleep, no wake-up capability
0
Sleep, no wake-up capability
1
Listen Only
1
Listen Only
10
Sleep, wake-up capability
10
Sleep, wake-up capability
11
Normal
11
Normal
10
Sleep, wake-up capability
CAN state before entering LPOFF
CAN state in LPOFF
CAN state after LPOFF
CAN state
CAN state
CAN state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com