Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6408 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 10Page - NXP Semiconductors FS6408 Datasheet HTML 11Page - NXP Semiconductors FS6408 Datasheet HTML 12Page - NXP Semiconductors FS6408 Datasheet HTML 13Page - NXP Semiconductors FS6408 Datasheet HTML 14Page - NXP Semiconductors FS6408 Datasheet HTML 15Page - NXP Semiconductors FS6408 Datasheet HTML 16Page - NXP Semiconductors FS6408 Datasheet HTML 17Page - NXP Semiconductors FS6408 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 111 page
background image
14
NXP Semiconductors
FS6407/FS6408
Fail-safe machine voltage supervisor
VPRE_OV
VPRE Overvoltage Detection Threshold
7.2
–
8.0
V
VPRE_OV_HYST
VPRE Overvoltage Hysteresis
–
0.1
–
V
(14)
VCORE_FB_UV
VCORE FB Undervoltage Detection Threshold
0.67
–
0.773
V
VCORE_FB_UV_D
VCORE FB Undervoltage Detection Threshold - Degraded mode
0.45
–
0.58
V
VCORE_FB_UV_
HYST
VCORE FB Undervoltage Hysteresis
10
–
27
mV
(14)
VCORE_FB_OV
VCORE FB Overvoltage Detection Threshold
0.84
–
0.905
V
VCORE_FB_OV_HYS
T
VCORE FB Overvoltage Hysteresis
10
–
30
mV
(14)
VCORE_FB_DRIFT V
CORE_FB Drift versus IO_1
50
100
150
mV
IPD_CORE
VCORE Internal Pull-down Current (active when VCOR E is enabled)
5.0
12
25
mA
VCCA_UV_5
VCCA Undervoltage Detection Threshold (5.0 V config)
4.5
–
4.75
V
VCCA_UV_5D
VCCA Undervoltage Detection Threshold (Degraded 5.0 V)
3.0
–
3.2
V
VCCA_UV_33
VCCA Undervoltage Detection Threshold (3.3 V config)
3.0
–
3.2
V
VCCA_UV_HYST
VCCA Undervoltage Hysteresis
–
0.07
–
V
(14)
VCCA_OV_5
VCCA Overvoltage Detection Threshold (5.0 V config)
5.25
–
5.5
V
VCCA_OV_33
VCCA Overvoltage Detection Threshold (3.3 V config)
3.4
–
3.6
V
VCCA_OV_HYST
VCCA Overvoltage Hysteresis
–
0.15
–
V
(14)
RPD_CCA
VCCA Internal Pull-down Resistor (active when VCCA is disabled)
50
–
160
Ω
VAUX_UV_5
VAUX Undervoltage Detection Threshold (5.0 V config)
4.5
–
4.75
V
VAUX_UV_5D
VAUX Undervoltage Detection Threshold (Degraded 5.0 V)
3.0
–
3.2
V
VAUX_UV_33
VAUX Undervoltage Detection Threshold (3.3 V config)
3.0
–
3.2
V
VAUX_UV_HYST
VAUX Undervoltage Hysteresis
–
0.07
–
V
(14)
VAUX_OV_5
VAUX Overvoltage Detection Threshold (5.0 V config)
5.25
–
5.5
V
VAUX_OV_33
VAUX Overvoltage Detection Threshold (3.3 V config)
3.4
–
3.6
V
VAUX_OV_HYST
VAUX Overvoltage Hysteresis
–
0.07
–
V
(14)
RPD_AUX
VAUX Internal Pull-down Resistor (active when VAUX is disabled)
50
–
170
Ω
Notes
14.
Guaranteed by design.
Table 4. Operating range (continued)
TCASE = -40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com