Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6408 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 5Page - NXP Semiconductors FS6408 Datasheet HTML 6Page - NXP Semiconductors FS6408 Datasheet HTML 7Page - NXP Semiconductors FS6408 Datasheet HTML 8Page - NXP Semiconductors FS6408 Datasheet HTML 9Page - NXP Semiconductors FS6408 Datasheet HTML 10Page - NXP Semiconductors FS6408 Datasheet HTML 11Page - NXP Semiconductors FS6408 Datasheet HTML 12Page - NXP Semiconductors FS6408 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 111 page
background image
NXP Semiconductors
9
FS6407/FS6408
VESD-HBM1
VESD-HBM2
VESD-HBM3
VESD-CDM1
VESD-CDM2
VESD-GUN1
VESD-GUN2
VESD-GUN3
VESD-GUN4
VESD-GUN5
VESD-GUN6
VESD-GUN7
VESD-GUN8
ESD Voltage
Human Body Model (JESD22/A114) - 100 pF, 1.5 k
Ω
• All pins (ESD Class 2)
• VSUP1,VSUP2, VSUP3, VSENSE, VAUX, IO_0:1, IO_4:5,FS0B, DEBUG
(ESD Class 3A)
• CANH, CANL (ESD Class 3A)
Charge Device Model (JESD22/C101):
• All Pins (ESD Class 2)
• Corner Pins (ESD Class 2)
System level ESD (Gun Test)
• VSUP1, VSUP2, VSUP3, VSENSE, VAUX, IO_0:1, IO_4:5, FS0B
330
Ω / 150 pF Unpowered According to IEC61000-4-2:
330
Ω / 150 pF Unpowered According to OEM CAN, FLexray Conformance
2.0 k
Ω / 150 pF Unpowered According to ISO10605.2008
2.0 k
Ω / 330 pF Powered According to ISO10605.2008
• CANH, CANL
330
Ω / 150 pF Unpowered According to IEC61000-4-2:
330
Ω / 150 pF Unpowered According to OEM CAN, FLexray Conformance
2.0 k
Ω / 150 pF Unpowered According to ISO10605.2008
2.0 k
Ω / 330 pF Powered According to ISO10605.2008
±2.0
±4.0
±6.0
±500
±750
±8.0
±8.0
±8.0
±8.0
±15.0
±12.0
±15.0
±15.0
kV
kV
kV
V
V
kV
kV
kV
kV
kV
kV
kV
kV
(3)
Thermal ratings
TA
Ambient Temperature
-40 to 125
°C
TJ
Junction Temperature
-40 to 150
°C
TSTG
Storage Temperature
-55 to 150
°C
Thermal resistance
RθJA
Thermal Resistance Junction to Ambient
30
°C/W
(4)
RθJCTOP
Thermal Resistance Junction to Case Top
24.2
°C/W
(5)
RθJCBOTTOM
Thermal Resistance Junction to Case Bottom
0.9
°C/W
(6)
Notes
3.
Compared to AGND.
4.
Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
5.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC - 883 Method 1012.1).
6.
Thermal resistance between the die and the solder par on the bottom of the packaged based on simulation without any interface resistance.
Table 3. Maximum ratings (continued)
All voltages are with respect to ground, unless otherwise specified. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Symbol
Ratings
Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com