Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250QT Datasheet(PDF) 68 Page - STMicroelectronics

Part # SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 64Page - STMicroelectronics SN250QT Datasheet HTML 65Page - STMicroelectronics SN250QT Datasheet HTML 66Page - STMicroelectronics SN250QT Datasheet HTML 67Page - STMicroelectronics SN250QT Datasheet HTML 68Page - STMicroelectronics SN250QT Datasheet HTML 69Page - STMicroelectronics SN250QT Datasheet HTML 70Page - STMicroelectronics SN250QT Datasheet HTML 71Page - STMicroelectronics SN250QT Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 130 page
background image
Functional description—application modules
SN250
68/130
7.3
Serial controller SC2
The SN250 SC2 module provides synchronous (SPI or I2C) serial communications. Figure 8
is a block diagram of the SC2 module.
Figure 8.
SC2 block diagram
The full-duplex interface of the SC2 module can be configured into one of these two
communication modes, but it cannot run them simultaneously. To reduce the interrupt
service requirements of the CPU, the SC2 module contains buffered data management
schemes. A dedicated, buffered DMA controller is available to the SPI while a FIFO is
available to both modes. In addition, a SC2 data register allows the software application
direct access to the SC2 data. Finally, the SC2 routes the interface signals to GPIO pins.
These are shared with other functions and are controlled by the GPIO_CFG register. For
selecting alternate pin-functions, please refer to Table 17 and Table 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com