Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250QT Datasheet(PDF) 76 Page - STMicroelectronics

Part # SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Datasheet(HTML) 76 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 72Page - STMicroelectronics SN250QT Datasheet HTML 73Page - STMicroelectronics SN250QT Datasheet HTML 74Page - STMicroelectronics SN250QT Datasheet HTML 75Page - STMicroelectronics SN250QT Datasheet HTML 76Page - STMicroelectronics SN250QT Datasheet HTML 77Page - STMicroelectronics SN250QT Datasheet HTML 78Page - STMicroelectronics SN250QT Datasheet HTML 79Page - STMicroelectronics SN250QT Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 130 page
background image
Functional description—application modules
SN250
76/130
Characters received and transmitted are passed through receive and transmit FIFOs. The
SC2 I2C master transmit and receive FIFOs are 1 byte deep. These FIFOs are accessed
under software control.
(Re)start and stop segments are initiated by setting the register bits SC_I2CSTART or
SC_I2CSTOP
in the SC2_I2CCTRL1 register, followed by waiting until they have cleared.
Alternatively, the register bit SC_I2CCMDFIN in the SC2_I2CSTAT can be used for waiting.
For initiating a transmit segment, the data has to be written to the SC2_DATA data register,
followed by setting the register bit SC_I2CSEND in the SC2_I2CCTRL1 register, and
completed by waiting until it clears. Alternatively, the register bit SC_I2CTXFIN in the
SC2_I2CSTAT
can be used for waiting.
A receive segment is initiated by setting the register bit SC_I2CRECV in the SC2_I2CCTRL1
register, waiting until it clears, and then reading from the SC2_DATA data register.
Alternatively, the register bit SC_I2CRXFIN in the SC2_I2CSTAT can be used for waiting.
Now the register bit SC_I2CRXNAK in the SC2_I2CSTAT register indicates if a NACK or
ACK was received from an I2C slave device.
Interrupts are generated on the following events:
●
Bus command (SC_I2CSTART/SC_I2CSTOP) completed (0 to 1 transition of
SC_I2CCMDFIN
)
●
Character transmitted and slave device responded with NACK
●
Character transmitted (0 to 1 transition of SC_I2CTXFIN)
●
Character received (0 to 1 transition of SC_I2CRXFIN)
●
Received and lost character while receive FIFO was full (Receive overrun error)
●
Transmitted character while transmit FIFO was empty (Transmit underrun error)
To generate interrupts to the CPU, the interrupt masks in the INT_SC2CFG and INT_CFG
register must be enabled.
3
-
-
-
-
SC2-4M mode Illegal
3
-
-
-
-
SC2-4A mode Illegal
Table 27.
I2C master segment formats (continued)
SC2_I2CCTR
L1
Frame Segments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com