Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250QT Datasheet(PDF) 44 Page - STMicroelectronics

Part # SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 40Page - STMicroelectronics SN250QT Datasheet HTML 41Page - STMicroelectronics SN250QT Datasheet HTML 42Page - STMicroelectronics SN250QT Datasheet HTML 43Page - STMicroelectronics SN250QT Datasheet HTML 44Page - STMicroelectronics SN250QT Datasheet HTML 45Page - STMicroelectronics SN250QT Datasheet HTML 46Page - STMicroelectronics SN250QT Datasheet HTML 47Page - STMicroelectronics SN250QT Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 130 page
background image
Functional description—application modules
SN250
44/130
7.2
Serial controller SC1
The SN250 SC1 module provides asynchronous (UART) or synchronous (SPI or I2C) serial
communications.
Figure 6 is a block diagram of the SC1 module.
Figure 6.
SC1 block diagram
The full-duplex interface of the SC1 module can be configured into one of these three
communication modes, but it cannot run them simultaneously. To reduce the interrupt
service requirements of the CPU, the SC1 module contains buffered data management
schemes for the three modes. A dedicated, buffered DMA controller is available to the SPI
and UART controllers while a FIFO is available to all three modes. In addition, a SC1 data
register allows the software application direct access to the SC1 data within all three modes.
Finally, the SC1 routes the interface signals to GPIO pins. These are shared with other
functions and are controlled by the GPIO_CFG register. For selecting alternate pin functions,
please refer to Table 17 and Table 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com