Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250QT Datasheet(PDF) 24 Page - STMicroelectronics

Part # SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 20Page - STMicroelectronics SN250QT Datasheet HTML 21Page - STMicroelectronics SN250QT Datasheet HTML 22Page - STMicroelectronics SN250QT Datasheet HTML 23Page - STMicroelectronics SN250QT Datasheet HTML 24Page - STMicroelectronics SN250QT Datasheet HTML 25Page - STMicroelectronics SN250QT Datasheet HTML 26Page - STMicroelectronics SN250QT Datasheet HTML 27Page - STMicroelectronics SN250QT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 130 page
background image
Functional description—system modules
SN250
24/130
Figure 4.
Data address space
6.6.1
Flash memory
The SN250 integrates 128KB of Flash memory. The Flash cell has been qualified for a data
retention time of >100 years at room temperature. Each Flash page size is 1024 bytes and
is rated to have a guaranteed 1,000 write/erase cycles.
The Flash memory has mappings to both the program and data side address spaces. On
the program side, the first 112KB of the Flash memory are mapped to the corresponding
first 56k word addresses to allow for code storage, as shown in Figure 3.
On the program side, the Flash is always read as whole words. On the data side, the Flash
memory is divided into eight 16KB sections, which can be separately mapped into a Flash
window for the storage of constant data and the Simulated EEPROM. As shown in Figure 4,
the Flash window corresponds to the first 16KB of the data-side address space. On the data
side, the Flash may be read as bytes, but can only be written to one word at a time using
utility routines in the ZNet stack and HAL.
6.6.2
Simulated EEPROM
The ZNet stack reserves a section of Flash memory to provide Simulated EEPROM storage
area for stack and customer tokens. Therefore, the SN250 utilizes 8KB of upper Flash
storage. This section of Flash is only accessible when mapped to the Flash window in the
data-side address space. Because the Flash cells are qualified for up to 1,000 write cycles,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com