Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250QT Datasheet(PDF) 115 Page - STMicroelectronics

Part # SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Datasheet(HTML) 115 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 111Page - STMicroelectronics SN250QT Datasheet HTML 112Page - STMicroelectronics SN250QT Datasheet HTML 113Page - STMicroelectronics SN250QT Datasheet HTML 114Page - STMicroelectronics SN250QT Datasheet HTML 115Page - STMicroelectronics SN250QT Datasheet HTML 116Page - STMicroelectronics SN250QT Datasheet HTML 117Page - STMicroelectronics SN250QT Datasheet HTML 118Page - STMicroelectronics SN250QT Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 130 page
background image
SN250
Functional description—application modules
115/130
INT_MISS [0x4602]
INT_SWCTRL [0x4638]
15
0-RW
14
0-RW
13
0-RW
12
0-RW
11
0-RW
10
0-RW
9
0-RW
8
0-RW
INT_WDOG
INT_FAULT
INT_TMR
INT_GPIO
INT_ADC
INT_MACRX
INT_MACTX
INT_
MACTMR
INT_SEC
INT_SC2
INT_SC1
INT_SLEEP
INT_BB
INT_SIF
INT_SW
0
0-RW
7
0-RW
6
0-RW
5
0-RW
4
0-RW
3
0-RW
2
0-RW
1
0-R
0
INT_WDOG
[15]
Watchdog low watermark interrupt miss. Write is ignored in Application Mode.
INT_FAULT
[14]
Memory protection fault miss. Write is ignored in Application Mode.
INT_TMR
[13]
Timer interrupt miss.
INT_GPIO
[12]
GPIO interrupt miss.
INT_ADC
[11]
ADC interrupt miss.
INT_MACRX
[10]
MAC receive interrupt miss. Write is ignored in Application Mode.
INT_MACTX
[9]
MAC transmit interrupt miss. Write is ignored in Application Mode.
INT_MACTMR
[8]
MAC timer interrupt miss. Write is ignored in Application Mode.
INT_SEC
[7]
Security interrupt miss. Write is ignored in Application Mode.
INT_SC2
[6]
SC2 interrupt miss.
INT_SC1
[5]
SC1 interrupt miss.
INT_SLEEP
[4]
Sleep Timer interrupt miss. Write is ignored in Application Mode.
INT_BB
[3]
Baseband interrupt miss. Write is ignored in Application Mode.
INT_SIF
[2]
SIF interrupt miss. Write is ignored in Application Mode.
INT_SW
[1]
Software interrupt miss. Write is ignored in Application Mode.
15
0-RW
14
0-RW
13
0-RW
12
0-RW
11
0-RW
10
0-RW
9
0-RW
8
0-RW
INT_SWCTRL
INT_SWCTRL
0-RW
7
0-RW
6
0-RW
5
0-RW
4
0-RW
3
0-RW
2
0-RW
1
0-RW
0
INT_SWCTRL
[15:0]
Writing to this register generates software interrupt. Possible values to be written are
explained and controlled in the ZNet software stack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com