Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS813078I Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS813078I
Description  Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS813078I Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS813078I Datasheet HTML 6Page - Renesas Technology Corp ICS813078I Datasheet HTML 7Page - Renesas Technology Corp ICS813078I Datasheet HTML 8Page - Renesas Technology Corp ICS813078I Datasheet HTML 9Page - Renesas Technology Corp ICS813078I Datasheet HTML 10Page - Renesas Technology Corp ICS813078I Datasheet HTML 11Page - Renesas Technology Corp ICS813078I Datasheet HTML 12Page - Renesas Technology Corp ICS813078I Datasheet HTML 13Page - Renesas Technology Corp ICS813078I Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
© 2016 Integrated Device Technology, Inc
July 29, 2016
813078I Data Sheet
AC Electrical Characteristics
Table 5. AC Characteristics, VCC = VCCO = VCCO_CMOS = 3.3V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fREF
Input Reference Frequency
R=000
30.72MHz–50ppm
30.72MHz+50ppm
R=001
61.44MHz–50ppm
61.44MHz+50ppm
R=010
122.88MHz–50ppm
122.88MHz+50ppm
R=011
15.36MHz–50ppm
15.36MHz+50ppm
R=100
10MHz–50ppm
10MHz+50ppm
R=101
12.88MHz–50ppm
12.88MHz+50ppm
R=110
15MHz–50ppm
15MHz+50ppm
R=111
20MHz–50ppm
20MHz+50ppm
fOUT
Output Frequency
MF=0, N=1
491.52
MHz
MF=0, N=2
245.76
MHz
MF=0, N=4
122.88
MHz
MF=0, N=5
98.304
MHz
MF=0, N=8
61.44
MHz
MF=0, N=16
30.72
MHz
MF=1, N=1
614.4
MHz
MF=1, N=2
307.2
MHz
MF=1, N=4
153.6
MHz
MF=1, N=5
122.88
MHz
MF=1, N=8
76.8
MHz
MF=1, N=16
38.4
MHz
fVCXO
VCXO-PLL VCO Lock Range
30.72MHz–50ppm
30.72MHz+50ppm
fVCO
Femto-PLL VCO Lock Range
491.52, 614.4
MHz
tjit(Ø)
RMS Phase Jitter
Integration Range:
12kHz - 20MHz;
NOTE 1
QBn
491.52MHz
1.03
ps
QAn, QBn
153.6MHz, MF=20
0.92
ps
QAn, QBn
122.88MHz, MF=20
1.1
ps
QAn, QBn
122.88MHz, MF=16
1.1
ps
QAn, QBn
61.44MHz, MF=16
0.97
ps
tjit(per)
Period Jitter
QAn
QBn
153.6MHz, QCn = off
122.88MHz, QCn = off
35
ps
QAn, QBn
122.88MHz, QCn = off
30
ps
N
Single-Side
Band Noise at:
QAn =122.88MHz
10Hz offset
30.72MHz XTAL,
fref = 30.72MHz,
QBn and QCn = 122.88MHz
-41.3
dBc/Hz
100Hz offset
-71.5
dBc/Hz
1kHz offset
-100.7
dBc/Hz
10kHz offset
-127.2
dBc/Hz
100kHz offset
-128.2
dBc/Hz
1MHz offset
-131.4
dBc/Hz
continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com