Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS813078I Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS813078I
Description  Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS813078I Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS813078I Datasheet HTML 10Page - Renesas Technology Corp ICS813078I Datasheet HTML 11Page - Renesas Technology Corp ICS813078I Datasheet HTML 12Page - Renesas Technology Corp ICS813078I Datasheet HTML 13Page - Renesas Technology Corp ICS813078I Datasheet HTML 14Page - Renesas Technology Corp ICS813078I Datasheet HTML 15Page - Renesas Technology Corp ICS813078I Datasheet HTML 16Page - Renesas Technology Corp ICS813078I Datasheet HTML 17Page - Renesas Technology Corp ICS813078I Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14
© 2016 Integrated Device Technology, Inc
July 29, 2016
813078I Data Sheet
Parameter Measurement Information
3.3V LVPECL Output Load AC Test Circuit
Differential Input Level
Period Jitter
3.3V LVCMOS Output Load AC Test Circuit
RMS Phase Jitter
Differential Output Skew
VCC,
1.65V±5%
1.65V±5%
-
1.65V±5%
VCCA
VCCO
VCC
VEE
V
CMR
Cross Points
V
PP
nCLK0
CLK0
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
SCOPE
Qx
VEE
VCC,
1.65V±5%
-1.65V±5%
VCCO_CMOS
VCCA
1.65V±5%
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
nQx
Qx
nQy
Qy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com