Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS813078I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS813078I
Description  Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS813078I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS813078I Datasheet HTML 1Page - Renesas Technology Corp ICS813078I Datasheet HTML 2Page - Renesas Technology Corp ICS813078I Datasheet HTML 3Page - Renesas Technology Corp ICS813078I Datasheet HTML 4Page - Renesas Technology Corp ICS813078I Datasheet HTML 5Page - Renesas Technology Corp ICS813078I Datasheet HTML 6Page - Renesas Technology Corp ICS813078I Datasheet HTML 7Page - Renesas Technology Corp ICS813078I Datasheet HTML 8Page - Renesas Technology Corp ICS813078I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
© 2016 Integrated Device Technology, Inc
July 29, 2016
813078I Data Sheet
Block Diagram
fOUT
0
1
Internal VCXO
Multiplier
XTAL_IN
XTAL_OUT
ISET
fXTAL= 30.72MHz
CLK0
nSTOPA
nCLK0
CLK1
REF_SEL
R[2:0]
FLM
MF
BYPASS[1:0]
NA[1:0]
NB[1:0]
NC[1:0]
nMR
nSTOPC
nSTOPB
fREF
LOCK
QA0
nQA0
QA1
nQA1
QA2
nQA2
QB0
nQB0
QB1
nQB1
QC0
QC1
QC2
QC3
PD
MV
÷1, ÷2, ÷12,
÷192, ÷256, ÷384
CP
VCXO
fPD
Femto
PLL
÷16,
÷20
fVCO
fVCXO
0
1
P
÷1, ÷2,
÷4, ÷5,
÷125
NA
÷2, ÷4
÷5, ÷8
NC
÷4, ÷5,
÷8, ÷16
11
0x
LUT
NB
÷1, ÷4
÷5, ÷8
3
10
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com