Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS813078I Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICS813078I
Description  Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS813078I Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICS813078I Datasheet HTML 17Page - Renesas Technology Corp ICS813078I Datasheet HTML 18Page - Renesas Technology Corp ICS813078I Datasheet HTML 19Page - Renesas Technology Corp ICS813078I Datasheet HTML 20Page - Renesas Technology Corp ICS813078I Datasheet HTML 21Page - Renesas Technology Corp ICS813078I Datasheet HTML 22Page - Renesas Technology Corp ICS813078I Datasheet HTML 23Page - Renesas Technology Corp ICS813078I Datasheet HTML 24Page - Renesas Technology Corp ICS813078I Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
© 2016 Integrated Device Technology, Inc
July 29, 2016
813078I Data Sheet
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS813078I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS813078I is the sum of the core power plus the power dissipated in the load(s). The following is the
power dissipation for VCC = 3.3V + 5% = 3.465V, which gives worst case results.
Core and LVPECL Output Power Dissipation
•
Power (core)_MAX = VCC_MAX *IEE_MAX = 3.465V * 260mA = 900.9mW
Power (output)_MAX = 30mW/Loaded Output Pair
If all outputs are loaded, the total power is 5 * 30mW = 150mW
LVCMOS Output Power Dissipation
•
Output Impedance ROUT Power Dissipation due to Loading 50 to VCCO/2
Output Current IOUT = VCCO_MAX / [2 * (50 + ROUT)] = 3.465V / [2 * (50 + 15)] = 26.7mA
•
Power Dissipation on the ROUT per LVCMOS output
Power (ROUT) = ROUT * (IOUT)
2 = 15
 * (26.7mA)2 = 10.7mW per output
•
Total Power Dissipation on the ROUT
Total Power (ROUT) = 10.7mW * 4 = 42.8mW
•
Dynamic Power Dissipation at 153.6MHz
Power (25MHz) = CPD * Frequency * (VCCO)
2 = 10pF * 153.6MHz * (3.465V)2 = 18mW per output
Total Power (153.6MHz) = 18mW * 4 = 72mW
Total Power Dissipation
•
Total Power
= Power (core) + Power (LVPECL output) + Total Power (ROUT) + Total Power (153.6MHz)
= 900.9mW + 150mW + 42.8mW + 72mW
= 1165.7mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com