Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMXRT1040CEC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMXRT1040CEC
Description  i.MX RT1040 Crossover Processors for Consumer Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1040CEC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMXRT1040CEC Datasheet HTML 17Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 18Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 19Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 20Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 21Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 22Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 23Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 24Page - NXP Semiconductors IMXRT1040CEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
Table 7. Absolute maximum ratings (continued)
Parameter Description
Symbol
Min
Max
Unit
ESD damage Immunity:
Human Body Model (HBM)
Charge Device Model (CDM)
Vesd
—
—
1000
500
V
Input/Output Voltage range
Vin/Vout
-0.5
OVDD + 0.31
V
Storage Temperature range
TSTORAGE
-40
150
o C
1. OVDD is the I/O supply voltage.
4.1.2 Thermal resistance
4.1.2.1 9 x 9 MM thermal resistance
Table 8 shows the 9 x 9 MM package thermal resistance data.
Table 8. 9 x 9 MM thermal resistance data
Rating
Board type1
Symbol
Value
Unit
Junction to Ambient
Thermal resistance2
JESD51-9, 2s2p
RθJA
33.5
oC/W
Junction-to-Top of Package
Thermal Characterization Package2
JESD51-9, 2s2p
ΨJT
0.9
oC/W
Junction to Case Thermal Resistance3
JESD51-9, 1s
RθJC
14.2
oC/W
1. Thermal test board meets JEDEC specification for this package (JESD51-9).
2. Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is
solely for a thermal performance comparison of one package to another in a standardized specified environment. It is not
meant to predict the performance of a package in an application-specific environment.
3. Junction-to-Case thermal resistance determined using an isothermal topside heat extraction. Case temperature is the
package topside temperature
4.1.3 Operating ranges
Table 9 provides the operating ranges of the i.MX RT1040 processors. For details on the chip's power structure, see the "Power
Management Unit (PMU)" chapter of the
i.MX RT1040 Reference Manual (IMXRT1040RM).
Table 9. Operating ranges
Parameter
Description
Symbol
Operating
Conditions
Min
Typ
Max1 Unit
Comment
Run Mode
VDD_SOC_IN
Overdrive
1.25
—
1.26
V
—
VDD_SOC_IN
M7 core at 528
MHz
1.15
—
1.26
V
—
Table continues on the next page...
NXP Semiconductors
Electrical Characteristics
i.MX RT1040 Crossover Processors for Consumer Products, Rev. 2, 01/2023
Data Sheet: Technical Data
21 / 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com